Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5541ABCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5541ABCPZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541ABCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD5541ABCPZ Datasheet HTML 1Page - Analog Devices AD5541ABCPZ Datasheet HTML 2Page - Analog Devices AD5541ABCPZ Datasheet HTML 3Page - Analog Devices AD5541ABCPZ Datasheet HTML 4Page - Analog Devices AD5541ABCPZ Datasheet HTML 5Page - Analog Devices AD5541ABCPZ Datasheet HTML 6Page - Analog Devices AD5541ABCPZ Datasheet HTML 7Page - Analog Devices AD5541ABCPZ Datasheet HTML 8Page - Analog Devices AD5541ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.5 V, Serial-Input, Voltage-Output,
16-/12-Bit nanoDACs in LFCSP
Preliminary Technical Data
AD5541A/AD5542A/AD5512A
Rev. Pr
A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low power, 1 LSB INL nanoDACs
AD5541A: 16 bits
AD5542A: 16 bits
AD5512A: 12 bits
2.7 V to 5.5 V single-supply operation
Low glitch: 0.5 nV-s
Unbuffered voltage output capable of driving 60 kΩ loads
directly
VLOGIC pin provides 1.8 V digital interface capability
Hardware CLR and LDAC functions
50 MHz SPI-/QSPI-/MICROWIRE-/DSP-compatible interface
standards
Power-on reset clears DAC output to zeroscale and midscale
Schmitt trigger inputs
Available in 3 mm × 3 mm 16-LFCSP, 10-LFCSP, and 8-LFCSP
Also available in10-MSOP and 16-TSSOP
APPLICATIONS
Automatic test equipment
Precision Source-measure Instruments
Data Acquisition Systems
Medical Instrumentation
Aerospace Instrumentation
Communications Infrastructure equipment
Industrial Control
GENERAL DESCRIPTION
The AD5541A/AD5542A/AD5512A1 are single, 16-/16-/12-bit,
serial input, unbuffered voltage output digital-to-analog conver-
ters (DACs) that operate from a single 2.7 V to 5.5 V supply.
The AD5541A/AD5542A/AD5512A utilize a versatile 3-wire
interface that is compatible with a 50 MHz SPI, QSPI™,
MICROWIRE™, and DSP interface standards.
These DACs provide 16-/12-bit performance without any adjust-
ments. The DAC output is unbuffered, which reduces power
consumption and offset errors contributed to by an output buffer.
The AD5542A/AD5512A can be operated in bipolar mode, which
generates a ±VREF output swing. The AD5542A/AD5512A also
includes Kelvin sense connections for the reference and analog
ground pins to reduce layout sensitivity.
The AD5541A is available in 10-lead 3 mm × 3 mm LFCSP and
10-lead MSSOP. The AD5541A-1 is available in 8-lead 3 mm ×
3 mm LFCSP. The AD5542A/AD5512A are available in 16-lead
3 mm × 3 mm LFCSP and the AD5542A is also available in
16-lead TSSOP. The AD5542A-1 is available in 10-lead LFCSP.
The AD5541A and AD5542A are specified over a temperature
range of −40°C to 105°C.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. AD5541A
Figure 2. AD5541A-1
Figure 3. AD5542A


Similar Part No. - AD5541ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541ABCPZ-1-RL7 AD-AD5541ABCPZ-1-RL7 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
AD5541ABCPZ-500RL7 AD-AD5541ABCPZ-500RL7 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
AD5541ABCPZ-REEL7 AD-AD5541ABCPZ-REEL7 Datasheet
435Kb / 20P
Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
4/2018-Rev. A to Rev. B
More results

Similar Description - AD5541ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5624 AD-AD5624 Datasheet
639Kb / 24P
2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/06-Revision 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com