Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT2_V1.9 Datasheet(PDF) 21 Page - AZ Displays

Part # PD064VT2_V1.9
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2_V1.9 Datasheet(HTML) 21 Page - AZ Displays

Back Button PD064VT2_V1.9 Datasheet HTML 14Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 15Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 16Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 17Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 18Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 19Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 20Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 21Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 22Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:21
Revision History
Rev.
Issued
DateRevised
Contents
Preliminary (0.1) Aug. 29, 2000
NEW
Preliminary (0.2) Sept,21, 2000
Revise
Preliminary (0.3) Jan.,17, 2001
Modify
1. Input signals and voltage=3.3V (typ.)
2. Page7 : Thbp=49 clock, Tvbp=33 line
Preliminary (0.4) Feb.,20, 2001
Modify
1. Page6 : Oscillation=64KHZ
ADD
1. Page6 : Kick-off voltage
Preliminary (0.5) June, 04, 2001 Modify
1. 5-1) input pin define
pin26 modify from “DENB” to ”NC”
2. 7-1) Recommended operation condition
Min. Input voltage modify from 3.0V to 3.15V
3. Erase original (7-6) Horizontal Display position, this
section describes the “DENB” definition, which is
useless in this module.
Preliminary (0.6) July 20, 2001
Modify
Page4: 4.Mechanical Drawing of TFT-LCD Module
Page5: Connector(1) type : ELCO , 6210-30PIN
1.0
Aug 09,2001
Add
Page12: Power On Sequence
1.1
Aug 15,2001
Modify
1. Page4:4.Mechanical Drawing of TFT-LCD Module
2. Page6:+3.3V Max. Supply Voltage from 7.0V to 4.0V.
1.2
Oct 17,2001
Add
1. Page14: Luminance Uniformity
2. Page14: Brightness measurement method
3. Pade15: Note 9-4: Definition of Response Time Tr and Tf
1.3
Dec 11,2001
Add
Page17: Handling Cautions
Page18: Indication of Lot Number Label
1.4
Apr. 10, 2002
Modify
Page 7 : Driving for backlight
Page 8 : Power Consumption
1.5
Apr. 12, 2002
Modify
Page 14 : Optical Characteristics (Brightness)
1.6
Oct. 17, 2002
Modify
Page 17 : Handling Cautions (The UL number)
1.7
Oct. 04, 2003
Modify
Page 14 : Optical Characteristics (contrast ratio from 100 to 200 M
(contrast ratio from 180 to 400 Typ.)
Page 18 : Indication of Lot Number Label
(The description of label)
1.8
Nov. 11,2004
Modify
Page 8 : Note 7-1,7-2,7-3
Add
Page 18 :
Note 11-1 The protective film must be removed before
temperature test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com