Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT2_V1.9 Datasheet(PDF) 14 Page - AZ Displays

Part # PD064VT2_V1.9
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2_V1.9 Datasheet(HTML) 14 Page - AZ Displays

Back Button PD064VT2_V1.9 Datasheet HTML 10Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 11Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 12Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 13Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 14Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 15Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 16Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 17Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 18Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:14
9. Optical Characteristics
9-1) Specification :
Ta=25℃
Parameter
Symbol Condition
MIN.
TYP. MAX. Unit
Remarks
Horizontal
θ
±35
±45
deg
Note 9-3
θ
(to 12
o’clock)
10
15
-
deg
Viewing
Angle
Vertical
θ
(to 6
o’clock)
CR>10
30
35
-
deg
Contrast Ratio
CR
200
400
-
-
Note 9-1
Rise
Tr
-
15
30
ms
Response time
Fall
Tf
θ
=0°
-
25
50
ms
Note 9-4
Brightness
θ
=0
°/φ=0
120
150
cd/㎡
Note 9-2
Luminance Uniformity
U
55
80
-
%
Note 9-6
Lamp Life Time
-
20,000
-
hr
x
0.230
0.280 0.330
-
White Chromaticity
y
0.270
0.320 0.370
-
Cross Talk
θ
=0°
-
-
3
%
Note 9-5
All the optical measurement shall be executed 30 minutes after backlight being turn-on. The optical
characteristics shall be measured in dark room (ambient illumination on panel surface less than 1
Lux). The measuring configuration shows as following figure.
Photometer (TOPCON
BM-5A or BM-7 fast)
TFT-LCD module
DC/AC Inverter
Optical characteristics measuring configuration
Field = 1
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com