Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT2_V1.9 Datasheet(PDF) 8 Page - AZ Displays

Part # PD064VT2_V1.9
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2_V1.9 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD064VT2_V1.9 Datasheet HTML 4Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 5Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 6Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 7Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 8Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 9Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 10Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 11Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:8
Note 7-1 : In order to satisfy the quality of B/L , no matter use what kind of inverter , the output
lamp current must between Min. and Max. to avoid the abnormal display image caused
by B/L.
Note 7-2 : The waveform of lamp driving voltage should be as closed to a perfect sine wave as
possible.
Note 7-3 : This value is not output voltage of inverter.
The voltage of inverter must larger than the starting voltage.
The Kick-off times≧1sec
7-2) Power Consumption
Parameters
Symbol
Typ.
Max.
Unit
Remark
+3.3V Current Dissipation
ICC
170
200
mA
Input Signals Current (High)
IIH
100
μ
A
VIH =+3.3V
Input Signals Current (Low)
IIL
100
μ
A
VIL =0V
LCD Panel Power Consumption
0.56
0.66
W
Note 7-4
Backlight Power Consumption
1.95
2.10
W
Note 7-5
Note 7-4 : The power consumption of backlight is not included.
Note 7-5 : Backlight lamp power consumption is calculated by IL×VL.
7-3) Input / Output signal timing chart
Parameters
Symbol
Min.
Typ.
Max.
Unit
Note
Frequency
Fc=1/Tc
25.175
MHz
Note 7-6
Clock
High Time
Tckh
10
ns
Low Time
Tckl
10
ns
Periodic = Line
Thp
31.778
μ
s
Note 7-6
Hsync
800
1024
clock
Note 7-6
Pulse Width
Thpw
2
96
200
clock
Back Porch
Thbp
2
49
64
clock
515
525
1024
line
Note 7-6
Vsync
Pulse Width
Tvpw
1
2
line
Back Porch
Tvbp
1
33
64
line
Data
Setup Time
Tds
10
ns
Hold Time
Tdh
10
ns
Periodic = Line
Tep
800
1024
clock
Pulse Width (H)
Tepw
2
640
800
clock
Horizontal Display Periodic
Thd
640
640
640
clock
Hsync-CLK
Phase Difference
Thc
10
Tc-10
ns
Vsync-Hsync
Phase Difference
Tvh
1
Thp-1
clock
Note 7-6 : Tc is the period of sampling clock. In case of low-frequency, the image-flicker may
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com