Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT5_V1.5 Datasheet(PDF) 17 Page - AZ Displays

Part # PD064VT5_V1.5
Description  TECHNICAL SPECIFICATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5_V1.5 Datasheet(HTML) 17 Page - AZ Displays

Back Button PD064VT5_V1.5 Datasheet HTML 13Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 14Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 15Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 16Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 17Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 18Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 19Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 20Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 21Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:17
Luminance when LCD is White
Note 9-2 : CR =
Luminance when LCD is Black
Contrast Ratio is measured in optimum common electrode voltage.
Note 9-3 : 1. Topcon BM-7 (fast) luminance meter 1 field of view is used in the testing (after 20~30 minutes
operation).
2.Lamp current : 6 mA
3.Inverter model : TDK-347.
Note 9-4 : The definitions of response time
100%
90%
10%
0%
White
White
Black
Tr
Tf
Note 9-5 : The uniformity of LCD is defined as
The Minimum Brightness of the 9 testing Points
U =
The Maximum Brightness of the 9 testing Points
Luminance meter : BM-5A or BM-7 fast (TOPCON)
Measurement distance : 500 mm +/- 50 mm
Ambient illumination : < 1 Lux
Measuring direction : Perpendicular to the surface of module
The test pattern is white (Gray Level 63).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com