Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT5_V1.5 Datasheet(PDF) 20 Page - AZ Displays

Part # PD064VT5_V1.5
Description  TECHNICAL SPECIFICATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5_V1.5 Datasheet(HTML) 20 Page - AZ Displays

Back Button PD064VT5_V1.5 Datasheet HTML 16Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 17Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 18Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 19Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 20Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 21Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 22Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 23Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 24Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:20
11. Reliability Test
No
Test Item
Test Condition
1
High Temperature Storage Test
Ta = +80
, 240 hrs
2
Low Temperature Storage Test
Ta = -30
, 240 hrs
3
High Temperature Operation Test
Ta = +70
, 240 hrs
4
Low Temperature Operation Test
Ta = -20
, 240 hrs
5 High Temperature & High Humidity
Operation Test
Ta = +60
, 90%RH, 240 hrs
6
Thermal Cycling Test
(non-operating)
-25
+70 , 200 Cycles
30 min
30 min
7
Shock Test
(non-operating)
Gravity :490m/s
Direction: X, Y, Z
Pulse Width :11ms,half sine wave
8
Vibration Test
(non-operating)
Frequency 10 ~ 57 HZ /Vibration Width :0.075mm
58-500 H/ / Gravity :9.8m/s
Sweep time: 11 minutes
Test period: 3 hrs for each direction of X, Y, Z
9
Electrostatic Discharge Test
(non-operating)
150pF, 330
Air : 15KV ; Contact : 8KV
10 times/point , 9 points/panel face
Ta: ambient temperature
[Criteria]
1. Main LCD should normally work under the normally condition no defect of function,
screen quality and appearance (including : mura ,line defect ,no image).
2. After the temperature and humidity test, the luminance and CR (Contrast ratio) ,should not
be lower than minimum of specification.
3. After the vibration and shock test , can’t be find chip broken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com