Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT5_V1.5 Datasheet(PDF) 23 Page - AZ Displays

Part # PD064VT5_V1.5
Description  TECHNICAL SPECIFICATION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5_V1.5 Datasheet(HTML) 23 Page - AZ Displays

Back Button PD064VT5_V1.5 Datasheet HTML 16Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 17Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 18Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 19Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 20Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 21Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 22Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 23Page - AZ Displays PD064VT5_V1.5 Datasheet HTML 24Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:23
Revision History
Rev.
Issued
Date
Revised
Contents
1.0
Jan. 28 , 2004
New
1.1
Nov.01,2004
Modify
Page7: 7-2)Recommended Operation Condition for backlight
Kick off voltage(25 ) from 790 to 970
Add: Kick-off voltage(0 )
Page22: Packing drawing
1.2
Jan.11,2005
Remove
Page 20: Indication of Lot Number Label
Add:
Page 20: Reliability
(Note the protective film must be remove before temperature test)
1.3
Jan.02, 2006
Page4 Mechanical Drawing of TFT-LCD Module
1.Add screw torsion SPEC.(1.5kgf-cm , Max)
2.Modify switch1 Pin NO. from 9 pins to 8 Pins
3.Modify switch2 Pin NO. from 3 pins to 2 Pins
Page14 7-8)Control Board Dip switch Format
SW1:
SW1-2 (Rework): form Default(ON) modify to Default(OFF)
SW1-3 (Rework) :form Default(OFF) modify to Default(ON)
SW1-4 (Rework): form Default(OFF) modify to Default(ON)
1.4
Apr.28 2006,
Page8: 7-4)Input/ Output signal timing chart
Hsync (Back-porch) Typ. From 48tc modify to 46tc
Hsync(Front-porch) Typ. From 16tc modify to 18tc
Hsync(Hpw+Hbp) Typ. From 144 tc modify to 142 tc
Page14 7-8)Control Board Dip switch Format
SW1:
SW1-2 (Rework): form Default(OFF) modify to Default(ON)
SW1-3 (Rework) :form Default(ON) modify to Default(OFF)
SW1-4 (Rework): form Default(ON) modify to Default(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com