Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL3 Datasheet(PDF) 19 Page - AZ Displays

Part # PD080SL3
Description  TECHNICAL SPECIFICATION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL3 Datasheet(HTML) 19 Page - AZ Displays

Back Button PD080SL3 Datasheet HTML 15Page - AZ Displays PD080SL3 Datasheet HTML 16Page - AZ Displays PD080SL3 Datasheet HTML 17Page - AZ Displays PD080SL3 Datasheet HTML 18Page - AZ Displays PD080SL3 Datasheet HTML 19Page - AZ Displays PD080SL3 Datasheet HTML 20Page - AZ Displays PD080SL3 Datasheet HTML 21Page - AZ Displays PD080SL3 Datasheet HTML 22Page - AZ Displays PD080SL3 Datasheet HTML 23Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
PD080SL3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:19
11.Power On Sequence
1. The supply voltage for input signals should be same as VDD.
2. When the power is off, please keep whole signals (Hsync, Vsync, DENB, CLK, Data) low level or high
impedance.
12. Optical Characteristics
12-1) Specification:
Ta = 25
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
55
60
-
deg
(to 12 ’clock)
40
45
-
deg
Viewing
Angle
Vertical
(to 6 o’clock)
CR
≥10
55
60
-
deg
Note 12-1
Contrast Ratio
CR
Optimum
direction
200
400
-
-
Note 12-2
Luminance
L
=0
°/ =0
390
420
-
cd/
Note 12-3
LED Life Time
-
25
20000
30000
-
hrs
Note 12-4
Rise
Tr
-
15
30
ms
Response
time
Fall
Tf
=0
=0
-
25
50
ms
Note 12-5
Uniformity
U
-
75
80
-
%
Note 12-6
x
=0
°/ =0
0.28
0.32
0.36
-
White Chromaticity
y
=0
°/ =0
0.31
0.35
0.39
-
Cross Talk Ratio
CTK
-
-
-
3.5
%
Note 12-7
3 .0 V
3.0 V
0 s< t <35 m s
0 s< t <35 m s
S ignal
B acklight
P-511-475(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com