Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL3 Datasheet(PDF) 11 Page - AZ Displays

Part # PD080SL3
Description  TECHNICAL SPECIFICATION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL3 Datasheet(HTML) 11 Page - AZ Displays

Back Button PD080SL3 Datasheet HTML 7Page - AZ Displays PD080SL3 Datasheet HTML 8Page - AZ Displays PD080SL3 Datasheet HTML 9Page - AZ Displays PD080SL3 Datasheet HTML 10Page - AZ Displays PD080SL3 Datasheet HTML 11Page - AZ Displays PD080SL3 Datasheet HTML 12Page - AZ Displays PD080SL3 Datasheet HTML 13Page - AZ Displays PD080SL3 Datasheet HTML 14Page - AZ Displays PD080SL3 Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PD080SL3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:11
7-2) Recommended Driving Condition for Back Light
Ta = 25
Parameter
Symbol
Min
TYP
MAX
Unit
Remark
Supply voltage of LED backlight
VLED
-
-
(11)
V
Note 7-3
Supply current of LED backlight
ILED
-
20
-
mA
Note 7-4
Backlight Power Consumption
PLED
-
-
3.08
W
Note 7-3/7-5
Note 7-3 : ILED= 20mA,constant current
Note 7-4 : The LED driving condition is defined for each LED module. (3 LED Serial)
Input current = 20mA * 14 = 280mA
Note 7-5 : PLED = VLED-1 * ILED-1 + VLED-2* ILED-2 ….. + VLED-13 * ILED-13+VLED-14 * ILED-14
VLED-1
VLED-13
VLED-2
VLED-14
A node
Cathode
7-3) Backlight driving
Connector type : BHSR-02VS-1(JST)
PIN NO.
Symbol
Description
Remark
1
+
Input terminal (Anode)
Red
2
-
Input terminal (Cathode)
Black
8. Pixel Arrangement
The LCD module pixel arrangement is the stripe.
R G B R G B R G B
R G B
R G B R G B
R G B
R G B R G B R G B
R G B
R G B R G B
R G B
3 rd L ine
2 nd L in e
1 st L ine
60 0 th L ine
5 99 th L in e
59 8 th L ine
R G B
R G B
R G B
R G B
1 st P ixe l
8 00 th P ixe l
1 P ixe l =
R G B
P-511-475(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com