Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD080SL3 Datasheet(PDF) 20 Page - AZ Displays

Part # PD080SL3
Description  TECHNICAL SPECIFICATION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD080SL3 Datasheet(HTML) 20 Page - AZ Displays

Back Button PD080SL3 Datasheet HTML 16Page - AZ Displays PD080SL3 Datasheet HTML 17Page - AZ Displays PD080SL3 Datasheet HTML 18Page - AZ Displays PD080SL3 Datasheet HTML 19Page - AZ Displays PD080SL3 Datasheet HTML 20Page - AZ Displays PD080SL3 Datasheet HTML 21Page - AZ Displays PD080SL3 Datasheet HTML 22Page - AZ Displays PD080SL3 Datasheet HTML 23Page - AZ Displays PD080SL3 Datasheet HTML 24Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
PD080SL3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:20
The optical characteristics shall be measured in dark room (ambient illumination on panel surface less than 1
Lux). The measuring configuration shows as following figure.
Note 12-1
The definitions of viewing angles are as follows.
12 o’clock
3 o’clock
9 o’clock
6 o’clock
θθθθ
φφφφ
LED connector
Note 12-2 : The definition of contrast ratio
=
Note 12-3 : Topcon BM-5A or BM-7 fast luminance meter 1 field of view is used in the testing
Note 12-4: The “LED Life time “ is defined as the module brightness decrease to 50% original brightness that
the ambient temperature is 25
and ILED =20mA.
Photometer (TOPCON
BM-5A or BM-7 fast)
TFT-LCD module
Optical characteristics measuring configuration
Field = 1
°
P-511-475(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com