Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW035XS4 Datasheet(PDF) 4 Page - AZ Displays

Part # PW035XS4
Description  TECHNICAL SPECIFICATION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PW035XS4 Datasheet(HTML) 4 Page - AZ Displays

  PW035XS4 Datasheet HTML 1Page - AZ Displays PW035XS4 Datasheet HTML 2Page - AZ Displays PW035XS4 Datasheet HTML 3Page - AZ Displays PW035XS4 Datasheet HTML 4Page - AZ Displays PW035XS4 Datasheet HTML 5Page - AZ Displays PW035XS4 Datasheet HTML 6Page - AZ Displays PW035XS4 Datasheet HTML 7Page - AZ Displays PW035XS4 Datasheet HTML 8Page - AZ Displays PW035XS4 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PW035XS4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:4
1. Application
This technical specification applies to 3.5” color TFT-LCD module , PW035XS4.
The applications of the panel are car TV, portable DVD, DV,GPS, multimedia applications and
other AV systems..
2. Features
. Amorphous silicon TFT-LCD panel with LED Backlight unit.
. Compatible with NTSC & PAL system
. Pixel in stripe configuration
. Slim and compact
. Image Reversion : Up/Down and Left/Right
. Support multi display mode
(If you use this mode ,you must use PVI-1004D’s timing controller (made by PVI))
. Wide viewing angle
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
3.5 (16:9 diagonal)
inch
Display Format
320 ( RGB ) 234
dot
Active Area
76.32(H) 42.82(V)
mm
Pixel Pitch
0.2385(H) 0.1829 (V)
mm
Pixel Configuration
Stripe
Outline Dimension
88.0(W)
53.5(H)
3.5(D)(typ.)
mm
Weight
34 5
g
Back-light
6-LED
Surface Treatment
Anti – Glare
Display model
Normally white
Gray scale inversion direction
12 o’clock
[Note 10- 1 ]
P-511-414(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com