Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW035XS4 Datasheet(PDF) 7 Page - AZ Displays

Part # PW035XS4
Description  TECHNICAL SPECIFICATION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PW035XS4 Datasheet(HTML) 7 Page - AZ Displays

Back Button PW035XS4 Datasheet HTML 3Page - AZ Displays PW035XS4 Datasheet HTML 4Page - AZ Displays PW035XS4 Datasheet HTML 5Page - AZ Displays PW035XS4 Datasheet HTML 6Page - AZ Displays PW035XS4 Datasheet HTML 7Page - AZ Displays PW035XS4 Datasheet HTML 8Page - AZ Displays PW035XS4 Datasheet HTML 9Page - AZ Displays PW035XS4 Datasheet HTML 10Page - AZ Displays PW035XS4 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PW035XS4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:7
Note5-1: VCOM (Typ.)= 6.0 VPP.
Phase of the video signal input and VCOM
The relation between these values could refer to 8-1 Operating condition
Liquid crystal transmission of the video signal input , VCOM and timing
VCOM
H Level
L Level
Video Signal Input Maximum
Black
White
Video Signal Input Minimum
White
Black
White : maximum transmission / Black : minimum transmission
Note 5-2 : VCC TYP.
+3.3V
Note 5-3 : VEE TYP.
-12V
Note 5-4 : VGH TYP.
+17V
Note 5-5 : VDD2 TYP.
+5V
100% white
pedestal
Composite Video
Signal
1H
1H
Black
white
Black
white
P-511-414(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com