Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW035XS4 Datasheet(PDF) 8 Page - AZ Displays

Part # PW035XS4
Description  TECHNICAL SPECIFICATION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PW035XS4 Datasheet(HTML) 8 Page - AZ Displays

Back Button PW035XS4 Datasheet HTML 4Page - AZ Displays PW035XS4 Datasheet HTML 5Page - AZ Displays PW035XS4 Datasheet HTML 6Page - AZ Displays PW035XS4 Datasheet HTML 7Page - AZ Displays PW035XS4 Datasheet HTML 8Page - AZ Displays PW035XS4 Datasheet HTML 9Page - AZ Displays PW035XS4 Datasheet HTML 10Page - AZ Displays PW035XS4 Datasheet HTML 11Page - AZ Displays PW035XS4 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PW035XS4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:8
Note 5-6 : VDD1 TYP.
+3.3V
Note 5-7 : ILED1 , ILED2 TYP.=20 mA
Note 5-8: STHL,STHR and R/L mode
STVD,STVU and U/D mode
Note 5 –9
: The CPH1 reference Fig.8-1 Sampling clock timing
CPH2 and CPH3 connect GND.
R/L
STHL
STHR
Remark
High(VDD1)
Output
Input
Left to Right
Low(0 Volt.)
Input
Output
Right to Left
U/D
STVD
STVU
Remark
High(VCC)
Input
Output
Down to Up
Low(0 Volt.)
Output
Input
Up to Down
P-511-414(V:3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com