Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5566 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE5566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5566 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE5566 Datasheet HTML 51Page - Analog Devices ADE5566 Datasheet HTML 52Page - Analog Devices ADE5566 Datasheet HTML 53Page - Analog Devices ADE5566 Datasheet HTML 54Page - Analog Devices ADE5566 Datasheet HTML 55Page - Analog Devices ADE5566 Datasheet HTML 56Page - Analog Devices ADE5566 Datasheet HTML 57Page - Analog Devices ADE5566 Datasheet HTML 58Page - Analog Devices ADE5566 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 55 of 156
Peak Detection
The ADE5166/ADE5169/ADE5566/ADE5569 can be program-
med to detect when the absolute value of the voltage or current
channel exceeds a specified peak value. Figure 58 illustrates the
behavior of the peak detection for the voltage channel. Both
voltage and current channels are monitored at the same time.
PKV RESET
LOW WHEN
MIRQSTH SFR
IS READ
VPKLVL[15:0]
V2
RESET BIT PKV
IN MIRQSTH SFR
PKV INTERRUPT
FLAG
Figure 58. Peak Level Detection
Figure 58 shows a line voltage exceeding a threshold that is set in
the voltage peak register (VPKLVL, Address 0x16[15:0]). The
voltage peak event is recorded by setting the PKV flag (Bit 3)
in the Interrupt Status 3 SFR (MIRQSTH, Address 0xDE). If
the PKV enable bit (Bit 3) is set in the Interrupt Enable 3 SFR
(MIRQENH, Address 0xDB), the 8052 core has a pending ADE
interrupt. Similarly, the current peak event is recorded by setting
the PKI flag (Bit 4) in the Interrupt Status 3 SFR (MIRQSTH,
Address 0xDE). The ADE interrupt stays active until the PKV or
PKI status bit is cleared (see the Energy Measurement Interrupts
section).
Peak Level Set
The contents of the VPKLVL register (Address 0x16) and the
IPKLVL register (Address 0x15) are compared to the absolute value
of the voltage and two MSBs of the current channel, respectively.
Thus, for example, the nominal maximum code from the current
channel ADC with a full-scale signal is 0x28F5C2 (see the Current
Channel ADC section). Therefore, writing 0x28F5 to the IPKLVL
register puts the current channel peak detection level at full scale
and sets the current peak detection to its least sensitive value.
Writing 0x00 puts the current channel detection level at 0. The
detection is done by comparing the contents of the IPKLVL reg-
ister to the incoming current channel sample. The PKI flag (Bit 4)
in the Interrupt Status 3 SFR (MIRQSTH, Address 0xDE) indicates
that the peak level is exceeded. If the PKI bit (Bit 4) or the PKV
bit (Bit 3) is set in the Interrupt Enable 3 SFR (MIRQENH,
Address 0xDB), the 8052 core has a pending ADE interrupt.
Peak Level Record
Each ADE5166/ADE5169/ADE5566/ADE5569 records the maxi-
mum absolute value reached by the current and voltage channels
in two different registers, IPEAK (Address 0x17) and VPEAK
(Address 0x19), respectively. Each register is a 24-bit, unsigned
register that is updated each time that the absolute value of the
waveform sample from the corresponding channel is above the
value stored in the IPEAK or VPEAK register. The contents of the
IPEAK and VPEAK registers represent the maximum absolute
value observed on the current and voltage channel input,
respectively. Reading the RSTIPEAK (Address 0x18) and
RSTVPEAK (Address 0x1A) registers clears their respective
contents after the read operation.
PHASE COMPENSATION
The ADE5166/ADE5169/ADE5566/ADE5569 must work with
transducers that can have inherent phase errors. For example,
a phase error of 0.1° to 0.3° is not uncommon for a current trans-
former (CT). These phase errors can vary from part to part, and
they must be corrected to perform accurate power calculations.
The errors associated with phase mismatch are particularly notice-
able at low power factors. The ADE5166/ADE5169/ADE5566/
ADE5569 provide a means of digitally calibrating these small phase
errors. The part allows a small time delay or time advance to be
introduced into the signal processing chain to compensate for
small phase errors. Because the compensation is in time, this
technique should be used only for small phase errors in the range
of 0.1° to 0.5°. Correcting large phase errors using a time shift
technique may introduce significant phase errors at higher
harmonics.
The phase calibration register (PHCAL[7:0], Address 0x10) is
a twos complement, signed, single-byte register that has values
ranging from 0x82 (−126d) to 0x68 (+104d).
The PHCAL register is centered at 0x40, meaning that writing
0x40 to the register gives 0 delay. By changing this register, the
time delay in the voltage channel signal path can change from
−231.93 μs to +48.83 μs (MCLK = 4.096 MHz). One LSB is equiv-
alent to a 1.22 μs (4.096 MHz/5) time delay or advance. A line
frequency of 60 Hz gives a phase resolution of 0.026° at the
fundamental (that is, 360° × 1.22 μs × 60 Hz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com