Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5566 Datasheet(PDF) 26 Page - Analog Devices

Part # ADE5566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5566 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE5566 Datasheet HTML 22Page - Analog Devices ADE5566 Datasheet HTML 23Page - Analog Devices ADE5566 Datasheet HTML 24Page - Analog Devices ADE5566 Datasheet HTML 25Page - Analog Devices ADE5566 Datasheet HTML 26Page - Analog Devices ADE5566 Datasheet HTML 27Page - Analog Devices ADE5566 Datasheet HTML 28Page - Analog Devices ADE5566 Datasheet HTML 29Page - Analog Devices ADE5566 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 26 of 156
Mnemonic
Address
Description
SBAUDT
0x9E
Enhanced serial baud rate control
(see Table 142).
SBAUDF
0x9D
UART timer fractional divider
(see Table 143).
LCDCONX
0x9C
LCD Configuration X (see Table 92).
SPI2CRx
0x9B
SPI/I2C receive buffer (see Table 152).
SPI2CTx
0x9A
SPI/I2C transmit buffer (see Table 151).
SBUF
0x99
Serial port buffer (see Table 141).
SCON
0x98
Serial communications control
(see Table 140).
LCDSEGE
0x97
LCD segment enable (see Table 98).
LCDCLK
0x96
LCD clock (see Table 95).
LCDCON
0x95
LCD configuration (see Table 91).
MDATH
0x94
Energy measurement pointer data MSB
(see Table 31).
MDATM
0x93
Energy measurement pointer data
middle byte (see Table 31).
MDATL
0x92
Energy measurement pointer data LSB
(see Table 31).
Mnemonic
Address
Description
MADDPT
0x91
Energy measurement pointer address
(see Table 30).
P1
0x90
Port 1 (see Table 166).
TH1
0x8D
Timer 1 high byte (see Table 118).
TH0
0x8C
Timer 0 high byte (see Table 116).
TL1
0x8B
Timer 1 low byte (see Table 119).
TL0
0x8A
Timer 0 low byte (see Table 117).
TMOD
0x89
Timer/Counter 0 and Timer/Counter 1
mode (see Table 113).
TCON
0x88
Timer/Counter 0 and Timer/Counter 1
control (see Table 114).
PCON
0x87
Program control (see Table 59).
DPH
0x83
Data pointer high (see Table 61).
DPL
0x82
Data pointer low (see Table 60).
SP
0x81
Stack pointer (see Table 63).
P0
0x80
Port 0 (see Table 165).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com