Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5566 Datasheet(PDF) 67 Page - Analog Devices

Part # ADE5566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5566 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE5566 Datasheet HTML 63Page - Analog Devices ADE5566 Datasheet HTML 64Page - Analog Devices ADE5566 Datasheet HTML 65Page - Analog Devices ADE5566 Datasheet HTML 66Page - Analog Devices ADE5566 Datasheet HTML 67Page - Analog Devices ADE5566 Datasheet HTML 68Page - Analog Devices ADE5566 Datasheet HTML 69Page - Analog Devices ADE5566 Datasheet HTML 70Page - Analog Devices ADE5566 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 67 of 156
Integration Time Under Steady Load—Reactive Energy
As mentioned in the Active Energy Calculation section, the
discrete time sample period (T) for the accumulation register is
1.22 μs (5/MCLK). With full-scale sinusoidal signals on the analog
inputs, and with the VARGAIN register (Address 0x1E) and the
VARDIV register (Address 0x25) set to 0x000, the integration time
before the reactive energy register overflows is calculated in
Equation 24.
Time =
min
82
.
6
sec
6
.
409
s
22
.
1
0xCCCCD
FFFF
FFFF
0xFFFF
=
=
μ
×
(24)
When VARDIV is set to a value other than 0, the integration
time varies, as shown in Equation 25.
Time = TimeVARDIV = 0 × VARDIV
(25)
Reactive Energy Accumulation Modes
Var Signed Accumulation Mode
The ADE5169/ADE5569 reactive energy default accumulation
mode is a signed accumulation based on the reactive power
information.
Var Antitamper Accumulation Mode
The ADE5169/ADE5569 are placed in var antitamper accumu-
lation mode by setting SAVARM (Bit 2) in the ACCMODE
register (Address 0x0F). In this mode, the reactive power is
accumulated depending on the sign of the active power. When the
active power is positive, the reactive power is added as it is to the
reactive energy register. When the active power is negative, the
reactive power is subtracted from the reactive energy accumu-
lator (see Figure 73). The CF pulse also reflects this accumulation
method when in this mode. The default setting for this mode is off.
Transitions in the direction of power flow and no load threshold
are active in this mode.
Var Absolute Accumulation Mode
The ADE5169/ADE5569 are placed in absolute accumulation
mode by setting ABSVARM (Bit 3) in the ACCMODE register
(Address 0x0F). In absolute accumulation mode, the reactive
energy accumulation is done by using the absolute reactive
power and ignoring any occurrence of power below the no load
threshold for the reactive energy (see Figure 74). The CF pulse
also reflects this accumulation method when in the absolute
accumulation mode. The default setting for this mode is off.
Transitions in the direction of power flow and no load threshold
are active in this mode.
POS
POS
INTERRUPT STATUS REGISTERS
NEG
VARSIGN FLAG
ACTIVE POWER
NO LOAD
THRESHOLD
NO LOAD
THRESHOLD
REACTIVE ENERGY
NO LOAD
THRESHOLD
REACTIVE POWER
NO LOAD
THRESHOLD
Figure 73. Reactive Energy Accumulation in
Var Antitamper Accumulation Mode
REACTIVE ENERGY
NO LOAD
THRESHOLD
NO LOAD
THRESHOLD
REACTIVE POWER
Figure 74. Reactive Energy Accumulation in Absolute Accumulation Mode
Reactive Energy Pulse Output
The ADE5169/ADE5569 provide all the circuitry with a pulse
output whose frequency is proportional to reactive power (see
the Energy-to-Frequency Conversion section). This pulse fre-
quency output uses the calibrated signal from the VARGAIN
register output, and its behavior is consistent with the setting of the
reactive energy accu-mulation mode in the ACCMODE register
(Address 0x0F). The pulse output is active low and should
preferably be connected to an LED, as shown in Figure 80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com