Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5566 Datasheet(PDF) 130 Page - Analog Devices

Part # ADE5566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5566 Datasheet(HTML) 130 Page - Analog Devices

Back Button ADE5566 Datasheet HTML 126Page - Analog Devices ADE5566 Datasheet HTML 127Page - Analog Devices ADE5566 Datasheet HTML 128Page - Analog Devices ADE5566 Datasheet HTML 129Page - Analog Devices ADE5566 Datasheet HTML 130Page - Analog Devices ADE5566 Datasheet HTML 131Page - Analog Devices ADE5566 Datasheet HTML 132Page - Analog Devices ADE5566 Datasheet HTML 133Page - Analog Devices ADE5566 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 130 of 156
UART OPERATION MODES
Mode 0 (Shift Register with Baud Rate Fixed at fCORE/12)
Mode 0 is selected when the SM0 and SM1 bits in the serial
communications control SFR (SCON, Address 0x98[7:6]) are
cleared. In this shift register mode, serial data enters and exits
through the RxD pin. The TxD pin outputs the shift clock. The
baud rate is fixed at fCORE/12. Eight data bits are transmitted or
received.
Transmission is initiated by any instruction that writes to the
serial port buffer SFR (SBUF, Address 0x99). The data is shifted
out of the Pin RxD line. The eight bits are transmitted with the
least significant bit (LSB) first.
Reception is initiated when the serial port receive enable bit,
REN (SCON[4]), is 1, and the serial port receive interrupt bit, RI
(SCON[0]), is 0. When RI is cleared, the data is clocked into the
Pin RxD line, and the clock pulses are output from the Pin TxD
line as shown in Figure 104.
RxD
(DATA OUT)
TxD
(SHIFT CLOCK)
DATA BIT 0
DATA BIT 1
DATA BIT 6
DATA BIT 7
Figure 104. 8-Bit Shift Register Mode
Mode 1 (8-Bit UART with Variable Baud Rate)
Mode 1 is selected by clearing the SM0 bit (SCON[7]) and setting
the SM1 bit (SCON[6]). Each data byte (LSB first) is preceded by
a start bit (0) and followed by a stop bit (1). Therefore, each frame
consists of 10 bits transmitted on the TxD pin or received on the
RxD pin.
The baud rate is set by a timer overflow rate. Timer 1 or Timer 2
can be used to generate baud rates, or both timers can be used
simultaneously where one generates the transmit rate and the
other generates the receive rate. There is also a dedicated timer
for baud rate generation, the UART timer, which has a fractional
divisor to precisely generate any baud rate (see the UART Timer
Generated Baud Rates section).
Transmission is initiated by a write to the serial port buffer SFR
(SBUF, Address 0x99). Next, a stop bit (1) is loaded into the ninth
bit position of the internal serial port shift register. The data is
output bit by bit until the stop bit appears on the TxD pin and
the transmit interrupt flag, TI (Address 0x98[1]), is automati-
cally set, as shown in Figure 105.
TxD
TI
(SCON[1])
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
SET INTERRUPT
(FOR EXAMPLE,
READY FOR MORE DATA)
Figure 105. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on
the RxD pin. Assuming that a valid start bit is detected, char-
acter reception continues. The eight data bits are clocked into
the internal serial port shift register.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
•
If the extended UART is disabled (EXTEN = 0 in the CFG
SFR, Address 0xAF[6]), RI (SCON[0]) must be 0 to receive
a character. This ensures that the data in the SBUF SFR is not
overwritten if the last received character has not been read.
•
If frame error checking is enabled by setting SM2 (SCON[5]),
the received stop bit must be set to receive a character. This
ensures that every character received comes from a valid
frame, with both a start bit and a stop bit.
If any of these conditions is not met, the received frame is irre-
trievably lost, and the receive interrupt flag (RI, SCON[0]) is
not set.
If the received frame meets these conditions, the following
events occur:
•
The eight bits in the receive shift register are latched into
the SBUF SFR.
•
The ninth bit (stop bit) is clocked into RB8 (SCON[2]).
•
The receiver interrupt flag (RI, SCON[0]) is set.
Mode 2 (9-Bit UART with Baud Rate Fixed at fCORE/64 or
fCORE/32)
Mode 2 is selected by setting SM0 and clearing SM1. In this mode,
the UART operates in 9-bit mode with a fixed baud rate. The
baud rate is fixed at fCORE/64 by default, although setting the SMOD
bit in the program control SFR (PCON, Address 0x87[7]) doubles
the frequency to fCORE/32. Eleven bits are transmitted or received:
a start bit (0), eight data bits, a programmable ninth bit, and a stop
bit (1). The ninth bit is most often used as a parity bit or as part
of a multiprocessor communication protocol, although it can be
used for anything, including a ninth data bit, if required.
To use the ninth data bit as part of a communication protocol for
a multiprocessor network such as RS-485, the ninth bit is set to
indicate that the frame contains the address of the device with
which the master wants to communicate. The devices on the net-
work are always listening for a packet with the ninth bit set and
are configured such that if the ninth bit is cleared, the frame is not
valid, and a receive interrupt is not generated. If the ninth bit is set,
all devices on the network receive the address and obtain a receive
character interrupt. The devices examine the address and, if it
matches one of the preprogrammed addresses of the device, that
device configures itself to listen to all incoming frames, even those
with the ninth bit cleared. Because the master has initiated commu-
nication with that device, all the following packets with the ninth
bit cleared are intended specifically for that addressed device until
another packet with the ninth bit set is received. If the address
does not match, the device continues to listen for address packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com