Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488A Datasheet(PDF) 7 Page - Analog Devices

Part # ADM488A
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488A Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM488A Datasheet HTML 3Page - Analog Devices ADM488A Datasheet HTML 4Page - Analog Devices ADM488A Datasheet HTML 5Page - Analog Devices ADM488A Datasheet HTML 6Page - Analog Devices ADM488A Datasheet HTML 7Page - Analog Devices ADM488A Datasheet HTML 8Page - Analog Devices ADM488A Datasheet HTML 9Page - Analog Devices ADM488A Datasheet HTML 10Page - Analog Devices ADM488A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM488A/ADM489A
Rev. 0 | Page 7 of 16
NC
1
RO
2
RE
3
DE
4
VCC
14
NC
13
A
12
B
11
DI
5
GND
6
GND
7
Z
10
Y
9
NC
8
NC = NO CONNECT
ADM489A
TOP VIEW
(Not to Scale)
Figure 4. ADM489A SOIC_N Pin Configuration
1
2
3
4
5
10
9
8
7
6
RE
DE
DI
GND
RO
A
B
Z
Y
VCC
ADM489A
TOP VIEW
(Not to Scale)
Figure 5. ADM489A MSOP Pin Configuration
Table 5. ADM489A Pin Function Descriptions
Pin No.
Mnemonic
Description
SOIC_N
MSOP
1, 8, 13
N/A1
NC
No Connect. No connections are required to this pin.
2
1
RO
Receiver Output. When enabled, if A > B by 200 mV, RO = high. If A < B by 200 mV, RO = low.
3
2
RE
Receiver Output Enable. A low level enables the receiver output, RO. A high level places the
ADM489A in a high impedance state.
4
3
DE
Driver Output Enable. A high level enables the driver differential outputs (Y and Z). A low level
places the ADM489A in a high impedance state.
5
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces Y low and Z high, whereas a
logic high on DI forces Y high and Z low.
6, 7
5
GND
Ground Connection, 0 V.
9
6
Y
Noninverting Driver, Differential Output Y.
10
7
Z
Inverting Driver, Differential Output Z.
11
8
B
Inverting Receiver, Input B.
12
9
A
Noninverting Receiver, Input A.
14
10
VCC
Power Supply, 5 V ± 10%.
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com