Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488A Datasheet(PDF) 10 Page - Analog Devices

Part # ADM488A
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488A Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM488A Datasheet HTML 6Page - Analog Devices ADM488A Datasheet HTML 7Page - Analog Devices ADM488A Datasheet HTML 8Page - Analog Devices ADM488A Datasheet HTML 9Page - Analog Devices ADM488A Datasheet HTML 10Page - Analog Devices ADM488A Datasheet HTML 11Page - Analog Devices ADM488A Datasheet HTML 12Page - Analog Devices ADM488A Datasheet HTML 13Page - Analog Devices ADM488A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM488A/ADM489A
Rev. 0 | Page 10 of 16
SWITCHING CHARACTERISTICS
Z
Y
tPLH
tPHL
1/2VO
VO
90% POINT
10% POINT
10% POINT
90% POINT
tDR
tDF
–VO
VDIFF
+VO
0V
VCC
VCC/2
VCC/2
VDIFF = V(Y) – V(Z)
Figure 16. Driver Propagation Delay, Rise/Fall Timing
tPLH
tPHL
A – B
RO
0V
0V
1.5V
1.5V
VOH
VOL
tSKEW = |tPLH – tPHL|
Figure 17. Receiver Propagation Delay
VOH
VOL
VOL + 0.5V
VOH – 0.5V
DE
Y, Z
Y, Z
VCC
0V
0V
0.5VCC
0.5VCC
tZL
tLZ
tZH
tHZ
2.3V
2.3V
Figure 18. Driver Enable/Disable Timing
tZH
tZL
tLZ
tHZ
OUTPUT LOW
OUTPUT HIGH
1.5V
1.5V
RO
RO
RE
0V
0.7VCC
0.3VCC
VOL
VOH
VOL + 0.5V
VOH –0.5V
0.5VCC
0.5VCC
Figure 19. Receiver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com