Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488A Datasheet(PDF) 11 Page - Analog Devices

Part # ADM488A
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488A Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM488A Datasheet HTML 7Page - Analog Devices ADM488A Datasheet HTML 8Page - Analog Devices ADM488A Datasheet HTML 9Page - Analog Devices ADM488A Datasheet HTML 10Page - Analog Devices ADM488A Datasheet HTML 11Page - Analog Devices ADM488A Datasheet HTML 12Page - Analog Devices ADM488A Datasheet HTML 13Page - Analog Devices ADM488A Datasheet HTML 14Page - Analog Devices ADM488A Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM488A/ADM489A
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADM488A/ADM489A are ruggedized RS-485 transceivers
that operate from a single 5 V supply. They contain protection
against radiated and conducted interference and are ideally suited
for operation in electrically harsh environments or where cables
can be plugged/unplugged. They are also immune to high RF
field strengths without special shielding precautions.
The ADM488A/ADM489A are intended for balanced data
transmission and comply with both EIA RS-485 and RS-422
standards. They contain a differential line driver and a differen-
tial line receiver, and are suitable for full-duplex data transmission.
The input impedance on the ADM488A/ADM489A is 12 kΩ,
allowing up to 32 transceivers on the differential bus. The
ADM488A/ADM489A operate from a single 5 V ± 10% power
supply. A thermal shutdown circuit prevents excessive power
dissipation caused by bus contention or by output shorting.
This feature forces the driver output into a high impedance state
if, during fault conditions, a significant temperature increase is
detected in the internal driver circuitry.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
The ADM488A/ADM489A can transmit at data rates up to
250 kbps. Figure 20 shows a typical application for the
ADM488A/ADM489A, a full-duplex link where data transfers
at rates of up to 250 kbps. A terminating resistor is shown at
both ends of the link. This termination is not critical because
the slew rate is controlled by the ADM488A/ADM489A and
reflections are minimized.
The communications network can be extended to include
multipoint connections, as shown in Figure 22. As many as
32 transceivers can be connected to the bus.
Table 6 and Table 7 show the truth tables for transmitting and
receiving.
Table 6. Transmitting Truth Table
Inputs
Outputs
RE
DE
DI
Z
Y
X1
1
1
0
1
X1
1
0
1
0
0
0
X1
High-Z
High-Z
1
0
X1
Hgh-Z
High-Z
1 X is don’t care.
Table 7. Receiving Truth Table
Inputs
Output
RE
DE
A to B
RO
0
0
≥ +0.2 V
1
0
0
≤
−0.2 V
0
0
0
Inputs open circuit
1
1
0
X1
High-Z
1 X is don’t care.
R
D
RO
DI
ADM488A
A
B
Z
Y
R
D
RO
DI
ADM488A
A
B
Z
Y
NOTES
1. MAXIMUM NUMBER OF NODES = 32.
RT
VCC
VCC
VCC
GND
GND
RT
VCC
Figure 20. ADM488A/ADM489A Full-Duplex Data Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com