Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 9Page - Analog Devices ADP2116 Datasheet HTML 10Page - Analog Devices ADP2116 Datasheet HTML 11Page - Analog Devices ADP2116 Datasheet HTML 12Page - Analog Devices ADP2116 Datasheet HTML 13Page - Analog Devices ADP2116 Datasheet HTML 14Page - Analog Devices ADP2116 Datasheet HTML 15Page - Analog Devices ADP2116 Datasheet HTML 16Page - Analog Devices ADP2116 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADP2116
Rev. 0 | Page 13 of 36
SUPPLY CURRENT
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD VOLTAGE (V)
PULSE SKIP
FORCED PWM
Figure 31. VDD Supply Current, No Load,
Channel 1: VOUT1 = 1.5 V, Channel 2: Off, fSW = 1.2 MHz
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD VOLTAGE (V)
PULSE SKIP
FORCED PWM
Figure 32. VDD Supply Current, No Load,
Channel 2: VOUT2 = 0.8 V, Channel 1: Off, fSW = 1.2 MHz
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD VOLTAGE (V)
PULSE SKIP
FORCED PWM
Figure 33. VDD Supply Current, No Load,
Channel 1: VOUT1 = 1.5 V, Channel 2: VOUT2 = 0.8 V, fSW = 1.2 MHz
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD = 2.75V, PULSE SKIP
VDD = 5.5V, PULSE SKIP
VDD = 2.75V, FORCED PWM
VDD = 5.5V, FORCED PWM
Figure 34. VDD Supply Current vs. Temperature,
Channel 1: VOUT1 = 1.5 V, Channel 2: VOUT2 = 0.8 V, fSW = 1.2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com