Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 17Page - Analog Devices ADP2116 Datasheet HTML 18Page - Analog Devices ADP2116 Datasheet HTML 19Page - Analog Devices ADP2116 Datasheet HTML 20Page - Analog Devices ADP2116 Datasheet HTML 21Page - Analog Devices ADP2116 Datasheet HTML 22Page - Analog Devices ADP2116 Datasheet HTML 23Page - Analog Devices ADP2116 Datasheet HTML 24Page - Analog Devices ADP2116 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADP2116
Rev. 0 | Page 21 of 36
The capacitance value of the soft start capacitor defines the soft
start time, tSS, based on
SS
SS
SS
REF
C
I
t
V
=
(1)
where:
VREF is the internal reference voltage, 0.6 V.
ISS is the soft start current, 6 μA.
CSS is the soft start capacitor value.
If the output voltage, VOUT1 or VOUT2, is precharged prior to enabling
Channel 1 or Channel 2, respectively, the control logic prevents
inductor current reversal by keeping the power MOSFETs turned
off until the soft start voltage ramp at SS1 or SS2 reaches the
precharged output voltage on VFB1 or VFB2 (see Figure 59).
CH3 5.0V
CH2 1.0V
CH1 5.0V
CH4 500mV
M200µs 50MS/s
A CH1
2.4V
1
2
4
3
EN1
VOUT1
SS1
SW1, SW2
20ns/pt
B
W
B
W
B
W
B
W
Figure 59. Soft Start with a Precharged Output
POWER GOOD
The ADP2116 features open-drain power-good outputs (PGOOD1
and PGOOD2) that indicate when the converter output voltage
is within regulation. The power-good signal transitions low
immediately when the corresponding channel is disabled.
The power-good circuitry monitors the output voltage on the FB1
or FB2 pin and compares it to the rising and falling thresholds
specified in Table 1. If the rising output voltage (VOUT1 or VOUT2)
exceeds 116% of the target output voltage (VOUT1SET or VOUT2SET),
the PGOOD1 or PGOOD2 pin is held low. The PGOOD1 or
PGOOD2 pin continues to be held low until the falling output
voltage returns to 108% of the target value.
If the output voltage drops below 84% of the target output voltage,
the corresponding PGOOD1 or PGOOD2 pin is held low. The
PGOOD1 or PGOOD2 pin continues to be held low until the
output voltage rises to within 92% of the target output voltage.
The PGOOD1 or PGOOD2 pin is then released, signaling that
the output voltage is within the power-good window.
The power-good thresholds are shown in Figure 60. The PGOOD1
and PGOOD2 outputs also sink current if an overtemperature
condition is detected. Use these outputs as logic power-good
signals by connecting the pull-up resistor from PGOOD1 or
PGOOD2 to VDD. If the power-good function is not used, the
pins can be left floating.
PULSE SKIP MODE
The ADP2116 has built-in pulse skip circuitry that turns on
during light loads, switching only as necessary to maintain the
output voltage within regulation. This allows the converter to
maintain high efficiency during light load operation by reducing
the switching losses. The pulse skip mode can be selected by
configuring the OPCFG pin as indicated in Table 7. In pulse
skip mode, when the output voltage dips below regulation, the
ADP2116 enters PWM mode for a few oscillator cycles to increase
the output voltage so that it is within regulation. During the wait
time between bursts, both power switches are off, and the output
capacitor supplies all of the load current. Because the output voltage
dips and recovers occasionally, the output voltage ripple in this
mode is larger than the ripple in the PWM mode of operation.
If the converter is configured to operate in forced PWM mode
(by selecting this configuration using the OPCFG pin), the device
operates with a fixed switching frequency, even at light loads.
108%
92%
116%
84%
100%
100%
PGOOD1/PGOOD2
VOUT FALLING
VOUT RISING
POWER
GOOD
OVERVOLTAGE
UNDERVOLTAGE
UNDERVOLTAGE
POWER
GOOD
Figure 60. PGOOD1/PGOOD2 Thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com