Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2116 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP2116
Description  Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2116 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP2116 Datasheet HTML 23Page - Analog Devices ADP2116 Datasheet HTML 24Page - Analog Devices ADP2116 Datasheet HTML 25Page - Analog Devices ADP2116 Datasheet HTML 26Page - Analog Devices ADP2116 Datasheet HTML 27Page - Analog Devices ADP2116 Datasheet HTML 28Page - Analog Devices ADP2116 Datasheet HTML 29Page - Analog Devices ADP2116 Datasheet HTML 30Page - Analog Devices ADP2116 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADP2116
Rev. 0 | Page 27 of 36
To avoid saturation, the rated current of the inductor must be
larger than the maximum peak inductor current, IL_PEAK, given by
2
_
_
L
MAX
LOAD
PEAK
L
I
I
I
Δ
+
=
(6)
where:
ILOAD_MAX is the maximum dc load current.
ΔIL is the peak-to-peak inductor ripple current.
The ADP2116 can be configured in either a 3 A/3 A or 3 A/2 A
current-limit configuration; therefore, the current-limit
thresholds for the two channels are different in each setting.
The inductor chosen for each channel must have at least the
peak output current limit of the IC in each case for robust
operation during short-circuit conditions. The following
inductors are recommended:
•
For 0.47 μH to 4.7 μH, the TOKO D53LC and
FDV0620 series inductors
•
For 4.7 μH to 15 μH, the Cooper Bussmann DR1050 series
and the Würth Elektronik WE-PDF series
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects both the output voltage
ripple and the loop dynamics of the converter. The ADP2116
is designed for operation with small ceramic output capacitors
that have low ESR and low ESL and are, therefore, easily able to
meet stringent output voltage ripple specifications. X5R or X7R
dielectrics are recommended with a voltage rating of 6.3 V or
10 V. Y5V and Z5U dielectrics are not recommended due to their
poor temperature and dc bias characteristics. The minimum
output capacitance, COUT_MIN, is determined by Equation 7 and
Equation 8.
An acceptable maximum output voltage ripple is
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
+
×
≅
OUT_MIN
SW
L
RIPPLE
C
f
ESR
ΔI
ΔV
8
1
(7)
Therefore,
)
(
8
—
ESR
ΔI
ΔV
f
ΔI
C
L
RIPPLE
SW
L
OUT_MIN
×
×
×
≅
(8)
where:
ΔVRIPPLE is the allowable peak-to-peak output voltage ripple in volts.
ΔIL is the inductor ripple current.
ESR is the equivalent series resistance of the capacitor in ohms.
fSW is the converter switching frequency in hertz.
If there is a step load, choose the output capacitor value based
on the value of the step load. For the maximum acceptable
output voltage droop/overshoot caused by the step load,
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
≅
DROOP
SW
OUT_STEP
OUT_MIN
ΔV
f
ΔI
C
3
(9)
where:
ΔIOUT_STEP is the load step value in amperes.
fSW is the switching frequency in hertz.
ΔVDROOP is the maximum allowable output voltage
droop/overshoot in volts for the load step.
Note that the previous equations are approximations and are
based on the following assumptions:
•
The inductor value is based on the peak-to-peak current
being 30% of the maximum load current.
•
Voltage drops across the internal MOSFET switches and
across the dc resistance of the inductor are ignored.
•
In Equation 9, it is assumed that it takes up to three
switching cycles until the loop adjusts the inductor current
in response to the load step.
Select the largest output capacitance given by Equation 8 and
Equation 9. When choosing the type of ceramic capacitor for
the output filter of the converter, select a capacitor with a nominal
capacitance that is 20% to 30% larger than the calculated value
because the effective capacitance decreases with larger dc voltages.
In addition, the rated voltage of the capacitor must be higher
than the output voltage of the converter.
Recommended input and output ceramic capacitors include
•
Murata GRM21BR61A106KE19L, 10 μF, 10 V, X5R, 0805
•
TDK C2012X5R0J226M, 22 μF, 6.3 V, X5R, 0805
•
Taiyo Yuden JMK212BJ476MG-T, 47 μF, 6.3 V, X5R, 0805
•
Murata GRM32ER60J476ME20L, 47 μF, 6.3 V, X5R, 1210
•
Murata GRM32ER60J107ME20L, 100 μF, 6.3 V, X5R, 1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com