Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-1-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5022ACBZ-1-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-1-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5022ACBZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP5022
Rev. A | Page 4 of 28
BUCK1 AND BUCK2 SPECIFICATIONS
VDDA = VIN1 = VIN2 = 3.6 V, VIN3 = (VOUT3 + 0.5 V) or 2.4 V, whichever is greater, VIN3 ≤ VIN1, TJ = −40°C to +125°C, unless
otherwise noted.1
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING SUPPLY CURRENT
Buck1 Only
IGND1
ILOAD1 = 0 mA, device not switching, EN1
= VDDA, EN2 = EN3 = GND
24
μA
Buck2 Only
IGND2
ILOAD2 = 0 mA, device not switching, EN2
= VDDA, EN1 = EN3 = GND
32
μA
Buck1 and Buck2 Only
IGND1-2
ILOAD1 = ILOAD1 = 0 mA, device not switch-
ing, EN1 = EN2 = VDDA, EN3 = GND
48
64
μA
OUTPUT VOLTAGE ACCURACY
VOUT1, VOUT2
PWM mode, VIN1 = VIN2 = 2.4 V to 5.5 V,
ILOAD1 = ILOAD2 = 0 mA − 600 mA
−3
+3
%
POWER SAVE MODE TO PWM CURRENT
THRESHOLD
IPSM-PWM
105
mA
PWM TO POWER SAVE MODE CURRENT
THRESHOLD
IPWM-PSM
100
mA
SW CHARACTERISTICS, BUCK1 and BUCK2
PFET On Resistance
RPFET
Typical at VIN1 = VIN2 = 3.6 V
165
275
mΩ
Typical at VIN1 = VIN2 = 5.0 V
125
mΩ
NFET On Resistance
RNFET
Typical at VIN1 = VIN2 = 3.6 V
125
220
mΩ
Typical at VIN1 = VIN2 = 5.0 V
100
mΩ
Current Limit
ILIMIT1, ILIMIT2
PFET switch peak current limit
750
950
1050
mA
OSCILLATOR FREQUENCY
FSW
2.5
3.0
3.5
MHz
START-UP TIME2
From Shutdown State
TSTARTUP12-SD
250
μs
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control.
2 Start-up time is defined as the time from a rising edge on EN1/EN2 to VOUT1/VOUT2 reaching 90% of their nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com