Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-1-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP5022ACBZ-1-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-1-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP5022ACBZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADP5022
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Buck1 and Buck2 Specifications................................................. 4
LDO Specifications ...................................................................... 5
Absolute Maximum Ratings............................................................ 6
Thermal Data ................................................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 16
Power Management Unit........................................................... 16
Buck Section................................................................................ 17
LDO Section ............................................................................... 18
Applications Information .............................................................. 19
Buck External Component Selection....................................... 19
LDO Capacitor Selection .......................................................... 20
PCB Layout Guidelines.................................................................. 22
Evaluation Board schematics and Artwork ................................ 23
Suggested Layout ........................................................................ 23
Outline Dimensions ....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
11/09—Revision A: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com