Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5022ACBZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5022ACBZ-1-R7
Description  Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5022ACBZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5022ACBZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5022ACBZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual 3 MHz, 600 mA Buck
Regulator with 150 mA LDO
ADP5022
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 2.4 V to 5.5 V
Tiny 16-ball, 2 mm × 2 mm WLCSP package
Overcurrent and thermal protection
Soft start
Factory programmable undervoltage lockout on VDDA
system supply of either 2.2 V or 3.9 V
Factory programmable default output voltages for all
3 channels
Buck1 and Buck2 key specifications
Current mode architecture for excellent transient response
3 MHz operating frequency
Uses tiny multilayer inductors and capacitors
Forced PWM and auto PWM/PSM modes
Out-of-phase operation for reduced input filtering
100% duty cycle low dropout mode
24 μA typical quiescent current per channel, no switching
LDO key specifications
Stable with 1 μF ceramic output capacitors
High PSRR
60 dB up to 10 KHz
Low output noise
65 μV rms output noise at VOUT3 = 3.3 V
Low dropout voltage: 150 mV @ 150 mA load
11 μA typical ground current at no load
APPLICATIONS
USB devices
Handheld products
Multivoltage power for processors, ASICS, FPGAs,
and RF chipsets
GENERAL DESCRIPTION
The ADP5022 is a micro power management unit (micro PMU)
that combines two high performance buck regulators and a low
dropout regulator (LDO) in a tiny 16-ball 2.08 mm × 2.08 mm
WLCSP to meet demanding performance and board space
requirements.
The high switching frequency of the buck regulators enables
tiny multilayer external components and minimizes the board
space required. When the MODE pin is set high, the buck reg-
ulators operate in forced PWM mode. When the MODE pin is
set low, the buck regulators automatically switch operating
modes, depending on the load current level. At higher output
loads, the buck regulators operate in PWM mode. When the
load current falls below a predefined threshold, the regulators
operate in power save mode (PSM), improving the light-load
efficiency.
The two bucks operate out-of-phase to reduce the input
capacitor requirement and noise.
The low quiescent current, low dropout voltage, and wide input
voltage range of the ADP5022 LDO extends the battery life of
portable devices. The LDO maintains power supply rejection
greater than 60 dB for frequencies as high as 10 kHz while
operating with a low headroom voltage.
Each regulator in the ADP5022 has a dedicated, independent
enable pin. A high voltage level applied to the enable pin activates
the respective regulator. The default output voltages are factory
programmable and can be set to a wide range of options.
C2
4.7µF
C3
4.7µF
VIN1
VIN3
EN1
ON
OFF
PWM
PWM/PSM
VIN = 2.4V
TO 5.5V
SW1
VOUT1
PGND1
MODE
C4
10µF
C6
1µF
VOUT1 @
600mA
L1
1µH
L2
1µH
EN_BK1
BUCK1
MODE
C1
1µF
VIN2
EN2
VDDA
ON
OFF
SW2
VOUT2
VOUT3
AGND
PGND2
C5
10µF
VOUT2 @
600mA
EN_BK2
BUCK2
MODE
EN3
ON
OFF
VOUT3 @
150mA
EN_LDO1
LDO1
ADP5022
C1
L1
COUT_1
COUT_2
COUT_3
C2
C4
C3
4.7mm
5.0mm
Figure 1. Typical Applications Circuit
Figure 2. Typical PCB Layout


Similar Part No. - ADP5022ACBZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5020 AD-ADP5020 Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
ADP5020ACPZ-R7 AD-ADP5020ACPZ-R7 Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
ADP5020CP-EVALZ AD-ADP5020CP-EVALZ Datasheet
1Mb / 28P
Power Management Unit for Imaging Modules
REV. 0
logo
Cirrus Logic
ADP5020CP-EVALZ APEX-ADP5020CP-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
More results

Similar Description - ADP5022ACBZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
2009
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
Microchip Technology
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
03/26/09
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
150 mA, 28V LDO Regulator With Shutdown
08/20/13
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com