Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33972 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33972
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33972 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33972 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33972
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33972 Simplified Internal Block Diagram
+
–
5.0 V
125 k
Ω
VDD
Analog Mux
Output
VPWR, VDD, 5.0 V
POR
Oscillator
Clock Control
Bandgap
Sleep PWR
40
μA
SPI Interface
and Control
WAKE
Control
INT
Control
Temperature
Monitor and
Control
MUX Interface
SP0
SP1
SG0
SP2
SP3
SP4
SP5
SP6
SP7
SG2
SG1
SG3
SG4
SG5
SG6
SG7
SG8
SG9
SG10
SG11
SG12
SG13
WAKE
INT
SCLK
CS
SO
AMUX
SI
VDD
VPWR
GND
VPWR
5.0 V
VPWR
5.0V
5.0 V
VPWR
VDD
VDD
and
5.0 V
+
–
4.0 V
Comparator
To
VPWR
SG0
SPI
Ref
2.0
mA
16.0
mA
VPWR
5.0 V
125 k
Ω
VDD
2.0
+
–
4.0V
Comparator
To
VPWR
SP7
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
2.0
+
–
4.0 V
Comparator
To
VPWR
SP0
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
+
–
4.0 V
Comparator
To
VPWR
SG13
SPI
Ref
2.0
mA
16.0
mA
VPWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com