Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33972 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33972
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33972 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33972 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33972
Rev. 16.0, 10/2009
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Multiple Switch Detection
Interface with Suppressed
Wake-up
The 33972 Multiple Switch Detection Interface with suppressed
wake-up is designed to detect the closing and opening of up to 22
switch contacts. The switch status, either open or closed, is transferred
to the microprocessor unit (MCU) through a serial peripheral interface
(SPI). The device also features a 22-to-1 analog multiplexer for reading
inputs as analog. The analog input signal is buffered and provided on
the AMUX output pin for the MCU to read.
The 33972 device has two modes of operation, Normal and Sleep.
Normal mode allows programming of the device and supplies switch
contacts with pull-up or pull-down current as it monitors switch change
of state. The Sleep mode provides low quiescent current, which makes
the 33972 ideal for automotive and industrial products requiring low
sleep-state currents.
Features
• Designed to operate 5.5 V
≤ VPWR ≤ 26 V
• Switch input voltage range -14 V to VPWR, 40 V Max
• Interfaces directly to MPU using 3.3 V/5.0 V SPI protocol
• Selectable wake-up on change of state
• Selectable wetting current (16 or 2.0 mA)
• 8 programmable inputs (switches to battery or ground)
• 14 switch-to-ground inputs
• Typical standby current - VPWR = 100 μA and VDD = 20 μA
• Active interrupt (INT) on change-of-switch state
• Pb-free packaging designated by suffix code EW
• Exposed pad packaging designated by suffix code EK
Figure 1. 33972 Simplified Application Diagram
MULTIPLE SWITCH
DETECTION INTERFACE
DWB SUFFIX
EW SUFFIX (Pb-FREE)
98ARH99137A
32-PIN SOICW
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33972DWB/R2
-40°C to 125°C
32 SOICW
MC33972EW/R2
MCZ33972EW/R2
MCZ33972AEW/R2
MC33972TDWB/R2
MC33972TEW/R2
MCZ33972TEW/R2
MCZ33972AEK/R2
32 SOICW EP
33972/A/T
EK SUFFIX (Pb-FREE)
98ASA10556D
32-PIN SOICW EP
VBAT
SP0
SP1
SP7
SG0
SG1
SG12
SG13
VPWR
VDD
WAKE
SI
CS
SO
INT
AMUX
GND
MOSI
SCLK
CS
MISO
INT
AN0
33972
MCU
SCLK
POWER SUPPLY
LVI
ENABLE
WATCHDOG
RESET
VDD
VBAT
VDD
VBAT


Similar Part No. - 33972

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33972 FREESCALE-33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
33972 NXP-33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33972A FREESCALE-33972A Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
33972A NXP-33972A Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
33972T NXP-33972T Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
More results

Similar Description - 33972

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com