Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33972 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33972
Description  Multiple Switch Detection Interface with Suppressed Wake-up
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33972 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33972 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33972 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33972
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
MCU INTERFACE DESCRIPTION
The 33972 device directly interfaces to a 3.3 or 5.0 V
microcontroller unit (MCU). SPI serial clock frequencies up to
6.0 MHz may be used for programming and reading switch
input status (production tested at 4.16 MHz). Figure 8
illustrates the configuration between an MCU and one 33972.
Serial peripheral interface (SPI) data is sent to the 33972
device through the SI input pin. As data is being clocked into
the SI pin, status information is being clocked out of the
device by the SO output pin. The response to a SPI
command will always return the switch status, interrupt flag,
and thermal flag. Input switch states are latched into the SO
register on the falling edge of the chip select (CS) pin.
Twenty-four bits are required to complete a transfer of
information between the 33972 and the MCU.
Figure 8. SPI Interface with Microprocessor
Two or more 33972 devices may be used in a module
system. Multiple ICs may be SPI-configured in parallel or
serial. Figures 9 and 10 show the configurations. When using
the serial configuration, 48-clock cycles are required to
transfer data in/out of the ICs.
Figure 9. SPI Parallel Interface with Microprocessor
Figure 10. SPI Serial Interface with Microprocessor
33972
MC68HCXX
Microcontroller
Receive
Buffer
Parallel
Ports
To Logic
24-Bit Shift Register
Shift Register
MOSI
SI
MISO
SO
SCLK
CS
INT
INT
Parallel
Ports
MC68HCXX
Microcontroller
33972
33972
SI
SCLK
CS
INT
SI
SO
SCLK
CS
INT
INT
SCLK
MISO
MOSI
Shift Register
SO
Parallel
Ports
MC68HCXX
Microcontroller
33972
33972
SI
SCLK
CS
INT
SI
SO
SCLK
CS
INT
SO
INT
SCLK
MISO
MOSI
Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com