Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PEF0MLL7R Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5604PEF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PEF0MLL7R Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5604PEF0MLL7R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
22
G[6]
PCR[102]
ALT0
ALT1
ALT2
ALT3
GPIO[102]
A[3]
—
—
SIU Lite
FlexPWM0
—
—
I/O
O
—
—
Slow
Medium
—
98
G[7]
PCR[103]
ALT0
ALT1
ALT2
ALT3
GPIO[103]
B[3]
—
—
SIU Lite
FlexPWM0
—
—
I/O
O
—
—
Slow
Medium
—
83
G[8]
PCR[104]
ALT0
ALT1
ALT2
ALT3
—
GPIO[104]
—
—
—
FAULT[0]
SIU Lite
—
—
—
FlexPWM0
I/O
—
—
—
I
Slow
Medium
—
81
G[9]
PCR[105]
ALT0
ALT1
ALT2
ALT3
—
GPIO[105]
—
—
—
FAULT[1]
SIU Lite
—
—
—
FlexPWM0
I/O
—
—
—
I
Slow
Medium
—
79
G[10] PCR[106]
ALT0
ALT1
ALT2
ALT3
—
GPIO[106]
—
—
—
FAULT[2]
SIU Lite
—
—
—
FlexPWM0
I/O
—
—
—
I
Slow
Medium
—
77
G[11] PCR[107]
ALT0
ALT1
ALT2
ALT3
—
GPIO[107]
—
—
—
FAULT[3]
SIU Lite
—
—
—
FlexPWM0
I/O
—
—
—
I
Slow
Medium
—
75
1 ALT0 is the primary (default) function for each port after reset.
2 Alternate functions are chosen by setting the values of the PCR[PA] bitfields inside the SIU module.
PCR[PA] = 00
→ ALT0; PCR[PA] = 01 → ALT1; PCR[PA] = 10 → ALT2; PCR[PA] = 11 → ALT3. This is intended to
select the output functions; to use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless
of the values selected in the PCR[PA] bitfields. For this reason, the value corresponding to an input only function is
reported as “—”.
3 Module included on the MCU.
4 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by
setting the values of the PSMI[PADSELx] bitfields inside the SIUL module.
5 Programmable via the SRC (Slew Rate Control) bits in the respective Pad Configuration Register.
6 Weak pull down during reset.
Table 4. Pin muxing (continued)
Port
pin
PCR
register
Alternate
function1,2
Functions
Peripheral3
I/O
direction4
Pad speed5
Pin
SRC = 0
SRC = 1
100-pin 144-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com