Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PEF0MLL7R Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC5604PEF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PEF0MLL7R Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC5604PEF0MLL7R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
42
Figure 14. I/O input DC electrical characteristics definition
Table 19. DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V]=1)1
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
D
Minimum low level input voltage
—
–0.12
—V
VIL
P
Maximum low level input voltage
—
—
0.35 VDD_HV_IOx
V
VIH
P
Minimum high level input voltage
—
0.65 VDD_HV_IOx
—V
VIH
D
Maximum high level input
voltage
—
—VDD_HV_IOx +0.1
2
V
VHYS
T
Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOL_S
P
Slow, low level output voltage
IOL = 1.5 mA
—
0.5
V
VOH_S
P
Slow, high level output voltage
IOH =–1.5mA
VDD_HV_IOx –0.8
—
V
VOL_M
P
Medium, low level output voltage IOL =2mA
—
0.5
V
VOH_M
P
Medium, high level output
voltage
IOH =–2mA
VDD_HV_IOx –0.8
—
V
VOL_F
P
Fast, high level output voltage
IOL = 1.5 mA
—
0.5
V
VOH_F
P
Fast, high level output voltage
IOH =–1.5mA
VDD_HV_IOx –0.8
—
V
VOL_SYM
P
Symmetric, high level output
voltage
IOL = 1.5 mA
—
0.5
V
VOH_SYM
P
Symmetric, high level output
voltage
IOH =–1.5mA
VDD_HV_IOx –0.8
—
V
IPU
P
Equivalent pull-up current
VIN =VIL
–130
—
µA
VIN =VIH
—–10
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com