Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604PEF0MLL7R Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5604PEF0MLL7R
Description  microcontroller units (MCUs)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604PEF0MLL7R Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5604PEF0MLL7R Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5604PEF0MLL7R Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
34
Figure 9. Configuration without resistor on base
Table 12. Voltage regulator electrical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD_LV_REGCOR
P Output voltage under maximum load
run supply current configuration
Post-trimming
1.145
—
1.4
V
CDEC1
SR External decoupling/stability ceramic
capacitor
4 capacitances
40
56
—
µF
RREG
SR Resulting ESR of all four CDEC1
absolute maximum
value between 100 kHz
and 10 MHz
——
45
m
Ω
CDEC2
SR External decoupling/stability ceramic
capacitor
4 capacitances of
100 nF each
400
—
—
nF
CDEC3
SR External decoupling/stability ceramic
capacitor on VDD_HV_REG
—40
—
—
µF
BCTRL
VDD_LV_COR
BCP68,
BCX68,
BC817su
C
DEC1
C
DEC2
C
DEC3
R
B
VDD_HV_REG
MPC5604P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com