Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F10 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT83F10
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT83F10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
HT83FXX
Rev. 1.00
14
May 12, 2009
time-out or by executing the
²CLR WDT² or ²HALT² in-
struction. The PDF flag is affected only by executing the
²HALT² or ²CLR WDT² instruction or during a system
power-up.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
· C is set if an operation results in a carry during an ad-
dition operation or if a borrow does not take place dur-
ing a subtraction operation; otherwise C is cleared. C
is also affected by a rotate through carry instruction.
· AC is set if an operation results in a carry out of the
low nibbles in addition, or no borrow from the high nib-
ble into the low nibble in subtraction; otherwise AC is
cleared.
· Z is set if the result of an arithmetic or logical operation
is zero; otherwise Z is cleared.
· OV is set if an operation results in a carry into the high-
est-order bit but not a carry out of the highest-order bit,
or vice versa; otherwise OV is cleared.
· PDF is cleared by a system power-up or executing the
²CLR WDT² instruction. PDF is set by executing the
²HALT² instruction.
· TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is set by a
WDT time-out.
In addition, on entering an interrupt sequence or execut-
ing a subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status registers are important and if the subroutine
can corrupt the status register, precautions must be
taken to correctly save it.
Interrupt Control Register
- INTC, INTCH
Two 8-bit register, known as the INTC and INTCH regis-
ters, controls the operation of both external and internal
timer interrupts. By setting various bits within these reg-
isters using standard bit manipulation instructions, the
enable/disable function of the external and timer inter-
rupts can be independently controlled. A master inter-
rupt bit within this register, the EMI bit, acts like a global
enable/disable and is used to set all of the interrupt en-
able bits on or off. This bit is cleared when an interrupt
routine is entered to disable further interrupt and is set
by executing the
²RETI² instruction.
Note: In situations where other interrupts may require
servicing within present interrupt service rou-
tines, the EMI bit can be manually set by the pro-
gram after the present interrupt service routine
has been entered.
Timer Registers
All devices contain two 8-bit Timers whose associated
registers are known as TMR0 and TMR1 which is the lo-
cation where the associated timer's 8-bit value is lo-
cated. Their associated control registers, known as
TMR0C and TMR1C, contain the setup information for
these timers.
Note that all timer registers can be directly written to in
order to preload their contents with fixed data to allow
different time intervals to be setup.
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the I/O
registers and their associated control registers play a
prominent role. All I/O ports have a designated register
correspondingly labeled as PA, PB etc. These labeled
I/O registers are mapped to specific addresses within
the Data Memory as shown in the Data Memory table,
which are used to transfer the appropriate output or in-
put data on that port. With each I/O port there is an asso-
ciated control register labeled PAC, PBC, etc., also
mapped to specific addresses with the Data Memory.
The control register specifies which pins of that port are
set as inputs and which are set as outputs. To setup a
pin as an input, the corresponding bit of the control reg-
ister must be set high, for an output it must be set low.
During program initialisation, it is important to first setup
the control registers to specify which pins are outputs
and which are inputs before reading data from or writing
data to the I/O ports. One flexible feature of these regis-
ters is the ability to directly program single bits using the
²SET [m].i² and ²CLR [m].i² instructions. The ability to
change I/O pins from output to input and vice-versa by
manipulating specific bits of the I/O control registers dur-
ing normal program operation is a useful feature of
these devices.
T O
P D F
O V
Z
A C
C
S T A T U S R e g i s t e r
A r i t h m e t i c / L o g i c O p e r a t i o n F l a g s
C a r r y f l a g
A u x i l i a r y c a r r y f l a g
Z e r o f l a g
O v e r f l o w f l a g
S y s t e m M a n a g e m e n t F l a g s
P o w e r d o w n f l a g
W a t c h d o g t i m e - o u t f l a g
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
b 0
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com