Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F10 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT83F10
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT83F10 Datasheet HTML 41Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 42Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 43Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 44Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 45Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 46Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 47Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 48Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Application Circuits
VDD=2.7V~3.6V
HT83FXX
Rev. 1.00
45
May 12, 2009
A U D
1
2
3
4
5
6
7
8
H T 8 2 V 7 3 3
V D D
4 7 m F
0 . 1 m F
1 0 m F
O U T N
V D D
V R E F
N C
O U T P
C E
A u d i o I n
S P K
( 8 W / 1 6 W )
V D D
8 0 5 0
0 . 1 m F
R 1
R 2
S P K
( 8 W / 1 6 W )
A U D
N o t e : R 1 > R 2
T r a n s i s t o r O u t p u t
P o w e r A m p l i f i e r O u t p u t
H T 8 3 F 1 0 / 2 0 / 4 0 / 6 0 / 8 0
R E S
V D D
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
O S C 2
O S C 1
P A 0 ~ P A 7
P B 0 ~ P B 3
1 5 0 k W ~
3 0 0 k W
A U D
V S S
V S S A
V S S P
V D D
1 0 W
4 7 m F
0 . 1 m F
C L K
D O
D I
S C S
S C K
S I
S O
C S
R E S
V D D
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
O S C 2
O S C 1
4 M H z ~
8 M H z
P A 0 ~ P A 7
P B 0 ~ P B 3
H T 8 3 F 1 0 / 2 0 / 4 0 / 6 0 / 8 0
N o t e : T h e P W M a p p l i c a t i o n r e f e r t o t h e d e s c r i p t i o n o f P u l s e W i d t h M o d u l a t i o n O u t p u t .
P W M 1
P W M 2
S P K
( 8 W / 1 6 W )
4 7 m F
V D D
C L K
D O
D I
S C S
S C K
S I
S O
C S
V S S F
V S S
V S S A
V S S P
V S S F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com