Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F10 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT83F10
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT83F10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
Pin Name
I/O
Options
Description
VDD_PBIO
¾¾
PB I/O external positive power supply (determine by option)
LDO_OUT
O
¾
LDO output
LDO_IN
I
¾
LDO input
CS
I
¾
Flash data memory chip select pin
SI
I
¾
Flash data memory data input pin
SO
O
¾
Flash data memory data output pin
SCK
I
¾
Flash data memory clock input pin
HOLD
I
¾
Hold, pause the device without deselecting Flash data memory
WP
I
¾
Flash data memory write protect pin
VDDF
¾¾
Positive Flash data memory Power supply
VSSF
¾¾
Negative Flash data memory Power supply, ground
Note: Each pin on PA can be programmed through a configuration option to have a wake-up function.
Individual pins can be selected to have pull-high resistors.
Absolute Maximum Ratings
Supply Voltage ...........................VSS+2.7V to VSS+3.6V
Storage Temperature ..........................
-50°C to +125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature.........................
-40°Cto+85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz/8MHz
2.7
¾
3.6
V
fSYS
System Frequency
3V
ROSC=275k
W¾
4
¾
MHz
ROSC=144k
W¾
8
¾
MHz
IDD
Operating Current
3V
No load, fSYS=4MHz
¾¾
3mA
No load, fSYS=8MHz
¾¾
5mA
ISTB1
Standby Current (WDT Off)
3V
No load, system HALT
¾¾
1
mA
ISTB2
Standby Current (WDT On)
3V
No load, system HALT
¾¾
7
mA
VIL1
Input Low Voltage for I/O Ports
3V
¾¾
1
¾
V
VIH1
Input High Voltage for I/O Ports
3V
¾¾
2
¾
V
VIL2
Input Low Voltage (RES)3V
¾¾
1.4
¾
V
VIH2
Input High Voltage (RES)3V
¾¾
2.1
¾
V
VLVD
Low Voltage Detection
¾ LVD 2.7V
2.565
2.700
2.835
V
VLDO
LDO Output Voltage
¾ VLDO_IN>3.6V
3.2
3.3
3.4
V
VLDO_IN
LDO Input Voltage
¾¾
3.6
¾
24
V
HT83FXX
Rev. 1.00
4
May 12, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com