Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F10P Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT83F10P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10P Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT83F10P Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 9Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 10Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 11Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 12Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
HT83FXX
Rev. 1.00
9
May 12, 2009
However, when the stack is full, a CALL subroutine in-
struction can still be executed which will result in a stack
overflow. Precautions should be taken to avoid such
cases which might cause unpredictable program
branching.
Arithmetic and Logic Unit
- ALU
The arithmetic-logic unit or ALU is a critical area of the
microcontroller that carries out arithmetic and logic op-
erations of the instruction set. Connected to the main
microcontroller data bus, the ALU receives related in-
struction codes and performs the required arithmetic or
logical operations after which the result will be placed in
the specified register. As these ALU calculation or oper-
ations may result in carry, borrow or other status
changes, the status register will be correspondingly up-
dated to reflect these changes. The ALU supports the
following functions:
· Arithmetic operations ADD, ADDM, ADC, ADCM,
SUB, SUBM, SBC, SBCM, DAA
· Logic operations AND, OR, XOR, ANDM, ORM,
XORM, CPL, CPLA
· Rotation RRA, RR, RRCA, RRC, RLA, RL, RLCA,
RLC
· Increment and Decrement INCA, INC, DECA, DEC
· Branch decision JMP, SZ, SZA, SNZ, SIZ, SDZ, SIZA,
SDZA, CALL, RET, RETI
Program Memory
The Program Memory is the location where the user
code or program is stored. By using the appropriate pro-
gramming tools, this Program memory device offer us-
ers the flexibility to conveniently debug and develop
their applications while also offering a means of field
programming.
Structure
The program memory stores the program instructions
that are to be executed. It also includes data, table and
interrupt entries, addressed by the Program Counter
along with the table pointer. The program memory size
is 2K
´15 bits. Certain locations in the program memory
are reserved for special usage.
Special Vectors
Within the Program Memory, certain locations are re-
served for special usage such as reset and interrupts.
· Location 000H
This vector is reserved for use by the device reset for
program initialisation. After a device reset is initiated, the
program will jump to this location and begin execution.
· Location 004H
This vector is used by the external interrupt. If the ex-
ternal interrupt pin on the device goes low, the pro-
gram will jump to this location and begin execution if
the external interrupt is enabled and the stack is not
full.
· Location 008H
This vector is used by the 8-bit Timer 0. If a overflow
occurs, the program will jump to this location and be-
gin execution if the timer interrupt is enabled and the
stack is not full.
· Location 00CH
This vector is used by the 8-bit Timer1. If a overflow
occurs, the program will jump to this location and be-
gin execution if the timer interrupt is enabled and the
stack is not full.
· Location 010H
Reserved.
· Location 014H
This vector is used by the SIM Bus interrupt service
program. If the SIM Bus interrupt resulting from a
slave address is matched or if 8 bits of data have been
received or transmitted successfully from the I
2C inter-
face, or 8 bits of data have been received or transmit-
ted successful from SPI interface, the program will
jump to this location and begin execution if the inter-
rupt is enabled and the stack is not full.
7 F F H
1 5 b i t s
0 1 5 H
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
I n i t i a l i s a t i o n
V e c t o r
T i m e B a s e
I n t e r r u p t V e c t o r
T i m e r C o u n t e r 0
I n t e r r u p t V e c t o r
0 1 4 H
T i m e r C o u n t e r 1
I n t e r r u p t V e c t o r
S I M
I n t e r r u p t V e c t o r
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com