Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F10P Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT83F10P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10P Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT83F10P Datasheet HTML 30Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 31Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 32Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 33Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 34Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 35Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 36Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 37Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
HT83FXX
Rev. 1.00
34
May 12, 2009
Interrupt Priority
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In case of simultaneous requests, the
accompanying table shows the priority that is applied.
Interrupt Source
Interrupt
Vector
HT83FXX
Priority
Time Base Interrupt
04H
1
Timer 0 Overflow
08H
2
Timer 1 Overflow
0CH
3
SIM Interrupt
14H
4
Suitable masking of the individual interrupts using the
INTC and INTCH registers can prevent simultaneous
occurrences.
Time Base Interrupt
Each device contains a Time Base whose correspond-
ing interrupt enable bits are known as ETBI and is lo-
cated in the INTC register. For a Time Base generated
interrupt to occur, the corresponding Time Base inter-
rupt enable bit must be first set. Time Base also has a
corresponding Time Base interrupt request flag, which
is known as TBF, also located in the INTC register.
When the master interrupt and corresponding timer in-
terrupt enable bits are enabled, the stack is not full, and
when the corresponding timer overflows a subroutine
call to the corresponding Time Base interrupt vector will
occur. The corresponding Program Memory vector loca-
tions for the Time Base is 04H. After entering the inter-
rupt execution routine, the corresponding interrupt
request flag, TBF will be reset and the EMI bit will be
cleared to disable other interrupts.
I N T C H R e g i s t e r
b 7
b 0
S I F
E S I I
N o i m p l e m e n t e d , r e a d a s " 0 "
C o n t r o l s e r i a l i n t e r f a c e i n t e r r u p t
1 : e n a b l e
0 : d i s a b l e
N o i m p l e m e n t e d , r e a d a s " 0 "
S e r i a l i n t e r f a c e i n t e r r u p t r e q u e s t f l a g
1 : a c t i v e
0 : i n a c t i v e
N o i m p l e m e n t e d , r e a d a s " 0 "
INTCH Register
A u t o m a t i c a l l y C l e a r e d b y I S R
M a n u a l l y S e t o r C l e a r e d b y S o f t w a r e
E E I
E M I
P r i o r i t y
I n t e r r u p t
P o l l i n g
H i g h
A u t o m a t i c a l l y D i s a b l e d b y I S R
C a n b e E n a b l e d M a n u a l l y
E T 0
L o w
E T 1
E S I I
T i m e r 0
I n t e r r u p t R e q u e s t F l a g T 0 F
T i m e r 1
I n t e r r u p t R e q u e s t F l a g T 1 F
S I M
I n t e r r u p t R e q u e s t F l a g S I F
T i m e B a s e
R e q u e s t F l a g E I F
Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com