Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F10P Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT83F10P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10P Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT83F10P Datasheet HTML 21Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 22Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 23Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 24Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 25Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 26Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 27Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 28Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
HT83FXX
Rev. 1.00
25
May 12, 2009
Master/Salve
(SIMEN=0)
Master (SIMEN=1)
Slave (SIMEN=1)
CSEN=1
CSEN=0
CSEN=0
SCS line=0
(CSEN=1)
SCS line=1
(CSEN=1)
SCS
ZL
Z
Z
I, Z
I, Z
SDO
Z
OOOO
Z
SDI
Z
I, Z
I, Z
I, Z
I, Z
Z
SCK
Z
L(CPOL=1)
H(CPOL=0)
L(CPOL=1)
H(CPOL=0)
I, Z
I, Z
Z
²Z² floating, ²H² output high, ²L² output low, ²I² Input, ²O²output level, ²I,Z² input floating (no pull-high)
SPI Interface Pin Status
· SPI Registers
The SIMDR register is used to store the data being
transmitted and received. There are two control regis-
ters associated with the SPI interface, SIMC0 and
SIMC2 and one data register known as SIMDR. The
SIMC1 register is not used by the SPI function. Regis-
ter SIMC0 is used to control the enable/disable func-
tion, the power down control and to set the data
transmission clock frequency. Register SIMC2 is used
for other control functions such as LSB/MSB selec-
tion, write collision flag etc.
The following gives further explanation of each bit:
¨ SIMEN
The SIMEN bit is the overall on/off control for the
SPI interface. When the SIMENbit is cleared to zero
to disable the SPI interface, the SDI, SDO, SCK and
SCS lines will be in a floating condition and the SPI
operating current will be reduced to <0.1
mAat 5V.
When the bit is high the SPI interface is enabled.
Note that when the SIMEN bit changes from low to
high the contents of the SPI control registers will be
in an unknown condition and should therefore be in-
itialised by the application program.
¨ SIM0~SIM2
These three bits control the Master/Slave selection
and also setup the SPI interface clock speed when
in the Master Mode. The SPI clock is a function of
the system clock whether it be RC type or Crystal
type. If the Slave Mode is selected then the clock
will be supplied by the external Master device.
The following gives further explanation of each bit:
¨ TRF
The TRF bit is the Transmit/Receive Complete flag
and is cleared by the application program and can
be used to generate an interrupt. When the bit is
high the data has been transmitted or received. If
the bit is low the data is being transmitted or has not
yet been received.
¨ WCOL
The WCOL bit is used to detect if a data collision
has occurred. If this bit is high it means that data
has been attempted to be written to the SMDR reg-
ister during a data transfer operation. This writing
operation will be ignored if data is being transferred.
The bit can be cleared by the application program.
Note that using the CSEN bit can be disabled or en-
abled via configuration option.
¨ CSEN
The CSEN bit is used as an on/off control for the
SCS pin. If this bit is low then the SCS pin will be dis-
abled and placed into a floating condition. If the bit is
high the SCS pin will be enabled and used as a se-
lect pin.
¨ MLS
The MLS is used to select how the data is trans-
ferred, either MSB or LSB first. Setting the bit high
will select MSB first and low for LSB first.
Note that the SIMC2 register is the same as the
SIMAR register used by the I
2C interface.
· SPI Communication
After the SPI interface is enabled by setting the
SIMEN bit high, then in the Master Mode, when data is
written to the SIMDR register, transmission/reception
will begin simultaneously. When the data transfer is
complete, the TRF flag will be set automatically. In the
Slave Mode, when the clock signal from the master
has been received, any data in the SIMDR register will
be transmitted and any data on the SDI pin will be
shifted into the SIMDR register. The master should
output an SCS signal before a clock signal is provided
and slave data transfers should be enabled/disabled
before/after an SCS signal is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com