Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F20P Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT83F20P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20P Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT83F20P Datasheet HTML 1Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 2Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 3Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ILDO
LDO Output Current
¾ VLDO_IN=5.5V
60
100
¾
mA
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
7
¾¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-3.5
¾¾
mA
IOL2
PWM1/PWM2 Sink Current
3V
VOL=0.1VDD
50
¾¾
mA
IOH2
PWM1/PWM2 Sink Current
3V
VOH=0.9VDD
-14.5
¾¾
mA
IAUD
AUD Source Current
3V
VOH=0.9VDD
¾-3
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
(RC OSC, Crystal OSC)
¾ 2.7V~3.6V
4
¾
8
MHz
fTIMER
Timer Inut Frequency
¾ 2.7V~3.6V
0
¾
8
MHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
tWDT1
Watchdog Time-out Period
(WDT OSC)
3V
Without WDT prescaler
12
23
45
ms
tWDT2
Watchdog Time-out Period
(System Clock)
¾ Without WDT prescaler
¾
1024
¾
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾ Wake-up from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note: *tSYS=1/fSYS
Characteristics Curves
· R vs. F Chart Characteristics Curves
HT83FXX
Rev. 1.00
5
May 12, 2009
R v s . F C h a r t
R ( k W )
8
6
4
2
1 5 0
1 9 5
2 8 5
3 7 6
4 4 5
3 . 3 V
1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com