Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F20P Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT83F20P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20P Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT83F20P Datasheet HTML 40Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 41Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 42Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 43Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 44Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 45Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 46Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 47Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
HT83FXX
Rev. 1.00
44
May 12, 2009
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later by the application software.
No.
Options
I/O Options
1
PA0~PA7: wake-up enable or disable
2
PA0~PA7: pull-high enable or disable
3
PB0~PB3: pull-high enable or disable
Oscillator Options
4
OSC type selection: RC or crystal
Watchdog Options
5
WDT: enable or disable
6
WDT clock source: WDROSC or T1
PB I/O Port Output Voltage Options
7
VDD_PBIO/VDD type selection: VDD_PBIO or VDD for Port B, SPI, I
2C I/O per bit
LVD Options
8
LVD function: enable or disable
SIM Options
9
SIM Function: enable or disable
10
SPI S/W CSEN: enable or disable
11
SPI S/W WCOL: enable or disable
I
2C Options
12
I
2C RNIC: enable or disable
13
I
2C debounce time: 0/1/2 system clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com