Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83F20P Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT83F20P
Description  Flash Type Voice OTP MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F20P Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT83F20P Datasheet HTML 39Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 40Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 41Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 42Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 43Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 44Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 45Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 46Page - Holtek Semiconductor Inc HT83F20P Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
HT83FXX
Rev. 1.00
43
May 12, 2009
P W M L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
P 3
P 2
P 1
P 0
P W M o u t p u t
P u l s e W i d t h M o d u l a t o r D a t a L o w R e g i s t e r
P W M H R e g i s t e r
b 7
b 0
P 1 1 P 1 0
P 9
P 8
P W M o u t p u t
P u l s e W i d t h M o d u l a t o r D a t a H i g h R e g i s t e r
V O L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
P W M v o l u m e c o n t r o l d a t a
V o i c e C o n t r o l R e g i s t e r
P 7
P 6
P 5
P 4
U s e d b y a u d i o o u t p u t
V O L 0
V O L 1
V O L 2
V O L 3
Pulse Width Modulation Output
All devices include a single 12-bit PWM function which
can directly drive external audio components such as
speakers.
Pulse Width Modulator Operation
The PWM output is provided on two complimentary out-
puts on the PWM1 and PWM2 pins, providing a differen-
tial output pair and thus capable of higher drive power.
These two pins can directly drive a piezo buzzer or an 8
ohm speaker without using external components. The
PWM outputs can also be used single ended, where the
signal is provided on the PWM1 output, and again can
also be used by itself alone to drive a piezo buzzer or an
8 ohm speaker without external components. This sin-
gle end output drive type is chosen using the Sin-
gle_PWM bit in the PWMCR register.
If the MSB_SIGN bit is low, then the signal that is pro-
vided on PWM1and PWM2 will obtain a GND level volt-
age after setting the PWMCC bit high. If the MSB_SIGN
bit is high, then the signal that is provided on PWM2 and
PWM1 will have a GND level voltage when the PWMCC
bit is set high.
The two PWM outputs will initially be at low levels, and if
the PWM function is stopped will also return to a low
level. If the PWMCC bit changes from low to high then
the PWM function will start running and latch new data.
If the data is not updated then the old value will remain. If
the PWMCC bit changes from high to low, at the end of
the duty cycle, the PWM output will stop.
P W M C R e g i s t e r
b 0
P W M C C
S i n g l e _ P W M
b 7
M S B _ S I G N
D A C
P W M E n a b l e
1 : e n a b l e
0 : d i s a b l e
D A C e n a b l e
1 : e n a b l e
0 : d i s a b l e
L V D d e t e c t i o n f l a g
1 : L V D d e t e c t i o n
0 : L V D n o n - d e t e c t i o n
S i n g l e P W M O u t p u t
1 : s i n g l e o u t p u t
0 : d u a l o u t p u t s
N o t i m p l e m e n t e d , r e a d a s " 0 "
P 1 1 P a r a l l e l D a t a P o l a r i t y
1 : P 1 1 n o n - i n v e r t
0 : P 1 1 i n v e r t
L V D F
Pulse Width Modulator Control Register
S p e a k e r
P W M 1
P W M 2
0 . 0 1 m F *
0 . 0 1 m F *
" * " F o r r e d u c i n g t h e d i g i t a l n o i s e t h a t P W M m a y
c a u s e , c a n c o n s i d e r i n c r e m e n t c a p a c i t o r s .
N o t e :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com