Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC46 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT93LC46
Description  CMOS 1K 3-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC46 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT93LC46 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Timing Diagrams
READ
EWEN/EWDS
WRITE
ERASE
HT93LC46
Rev. 1.90
5
July 9, 2009
C S
S K
S t a n d b y
D I
0
( 1 )
0
S t a r t b i t
1 1 = E W E N
0 0 = E W D S
C S
S K
D O
H i g h - Z
0
D I
S t a r t b i t
1
( 1 )
t H Z
t C D S
*
* A d d r e s s p o i n t e r a u t o m a t i c a l l y c y c l e s t o t h e n e x t w o r d
0
A N
A 0
D 0 D X
D X
M o d e
A N
D X
( X 1 6 )
A 5
D 1 5
( X 8 )
A 6
D 7
H i g h - Z
C S
S K
D O
H i g h - Z
S t a n d b y
D I
1
( 1 )
t H Z
t S V
t P R
t C D S
b u s y r e a d y
v e r i f y
0
S t a r t b i t
A N
A N - 1 A N - 2
A 1
D 0
A 0 D X
C S
S K
D O
H i g h - Z
S t a n d b y
D I
1
( 1 )
t H Z
t S V
t P R
t C D S
b u s y r e a d y
v e r i f y
1
S t a r t b i t
A N A N - 1 A N - 2
A 1
A 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com