Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC46 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT93LC46
Description  CMOS 1K 3-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC46 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT93LC46 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT93LC46
CMOS 1K 3-Wire Serial EEPROM
Block Diagram
Pin Assignment
Rev. 1.90
1
July 9, 2009
Features
· Operating voltage:
- 2.2V~5.5V for temperature 0°Cto+70°C
- 2.4V~5.5V for temperature -40°Cto+85°C
· Low power consumption
- Operating: 5mA max.
- Standby: 10mA max.
· User selectable internal organization
- 1K(HT93LC46): 128´8or64´16
· 3-wire Serial Interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Word/chip erase and write operation
· Write operation with built-in timer
· Software controlled write protection
· 40-year data retention
· 106 rewrite cycles per word
· Industrial temperature range (-40°Cto+85°C)
· 8-pin DIP/SOP/TSSOP package
General Description
The HT93LC46 is a 1K-bit low voltage nonvolatile, serial
electrically erasable programmable read only memory de-
vice using the CMOS floating gate process. Its 1024 bits of
memory are organized into 64 words of 16 bits each when
the ORG pin is connected to VCC or organized into 128
words of 8 bits each when it is tied to VSS. The device is
optimized for use in many industrial and commercial appli-
cations where low power and low voltage operation are
essential. By popular microcontroller, the versatile serial
interface including chip select (CS), serial clock (SK), data
input (DI) and data output (DO) can be easily controlled.
C o n t r o l
L o g i c
a n d
C l o c k
G e n e r a t e r
D a t a
R e g i s t e r
A d d r e s s
R e g i s t e r
C S
S K
D I
V C C
V S S
D O
A d d r e s s
D e c o d e r
O u t p u t
B u f f e r
O R G
M e m o r y C e l l
A r r a y
1 K : ( 1 2 8 ´ 8 o r 6 4 ´ 1 6 )
1
2
3
4
8
7
6
5
V C C
N C
O R G
V S S
C S
S K
D I
D O
V C C
N C
O R G
V S S
C S
S K
D I
D O
1
2
3
4
8
7
6
5
H T 9 3 L C 4 6
8 D I P - A / S O P - A / T S S O P - A
H T 9 3 L C 4 6
8 S O P - B


Similar Part No. - HT93LC46

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
1K 3-Wire CMOS Serial EEPROM
6th May 99
HT93LC46 HOLTEK-HT93LC46 Datasheet
142Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
March 14, 2007
HT93LC46 HOLTEK-HT93LC46 Datasheet
131Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
March 14, 2007
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
More results

Similar Description - HT93LC46

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
143Kb / 15P
3-Wire Serial EEPROM 1K (64 x 16)
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
1K 3-Wire CMOS Serial EEPROM
6th May 99
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
1K BIT SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
March 14, 2007
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_14 Datasheet
2Mb / 11P
CMOS 1K 3-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com