Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC46 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT93LC46
Description  CMOS 1K 3-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC46 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT93LC46 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 9Page - Holtek Semiconductor Inc HT93LC46 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ERAL
WRAL
Instruction Set Summary
HT93LC46
Instruction
Comments
Start
bit
Op
Code
Address
ORG=0 ORG=1
X8
X16
Data
ORG=0 ORG=1
X8
X16
READ
Read data
1
10
A6~A0
A5~A0
D7~D0 D15~D0
ERASE
Erase data
1
11
A6~A0
A5~A0
¾
WRITE
Write data
1
01
A6~A0
A5~A0
D7~D0 D15~D0
EWEN
Erase/Write Enable
1
00
11XXXXX 11XXXX
¾
EWDS
Erase/Write Disable
1
00
00XXXXX 00XXXX
¾
ERAL
Erase All
1
00
10XXXXX 10XXXX
¾
WRAL
Write All
1
00
01XXXXX 01XXXX
D7~D0 D15~D0
Note:
²X² stands for ²don¢t care²
Data should be written to the EEPROM in the format (8-bit or 16-bit mode) in which it is to be read.
HT93LC46
Rev. 1.90
6
July 9, 2009
C S
S K
D O
H i g h - Z
S t a n d b y
D I
( 1 )
t H Z
t S V
t P R
t C D S
b u s y r e a d y
v e r i f y
1
0
0
0
S t a r t b i t
C S
S K
D O
H i g h - Z
S t a n d b y
D I
1
( 1 )
t H Z
t S V
t P R
t C D S
b u s y r e a d y
v e r i f y
0
D X
D 0
0
0
S t a r t b i t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com