Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1622 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 328 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Timing Diagrams
READ Mode (Command Code:110)
READ Mode (Successive Address Reading)
HT1622
Rev. 2.00
9
June 9, 2009
PATENTED
Command Format
The HT1622 can be configured by the software setting.
There are two mode commands to configure the
HT1622 resource and to transfer the LCD display data.
The following are the data mode ID and the command
mode ID:
Operation
Mode
ID
READ
Data
1 1 0
WRITE
Data
1 0 1
READ-MODIFY-WRITE
Data
1 0 1
COMMAND
Command
1 0 0
If successive commands have been issued, the com-
mand mode ID can be omitted. While the system is op-
erating in a non-successive command or a
non-successive address data mode, the CS pin should
be set to
²1² and the previous operation mode will be re-
set also. The CS pin returns to
²0², a new operation
mode ID should be issued first.
Name
Command Code
Function
TONE OFF
0000-1000-X
Turn-off tone output
TONE 4K
010X-XXXX-X
Turn-on tone output, tone frequency is 4kHz
TONE 2K
0110-XXXX-X
Turn-on tone output, tone frequency is 2kHz
R D
D A T A
W R
1
1
0 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
M e m o r y A d d r e s s 1 ( M A 1 )
D a t a ( M A 2 )
1
1
0 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
D a t a ( M A 1 )
M e m o r y A d d r e s s 2 ( M A 2 )
C S
R D
D A T A
C S
W R
1
1
0 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3
M e m o r y A d d r e s s ( M A ) D a t a ( M A )
D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0
D a t a ( M A + 1 ) D a t a ( M A + 2 ) D a t a ( M A + 3 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com