Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1622 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 328 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1622 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1077.075
1090.589
28
721.077
-1129.575
2
-1077.075
905.211
29
820.095
-1129.575
3
-1077.075
806.109
30
1076.900
-141.904
4
-1077.075
594.542
31
1076.900
-42.885
5
-1077.037
359.680
32
1076.900
56.215
6
-1077.075
260.745
33
1076.900
155.234
7
-1077.037
162.710
34
1076.900
254.335
8
-1077.075
63.734
35
1076.900
353.354
9
-1077.075
-34.789
36
1076.900
452.456
10
-1077.075
-238.247
37
1076.900
551.474
11
-1077.075
-519.705
38
1076.900
650.576
12
-1077.075
-677.315
39
1076.900
749.594
13
-1077.075
-776.416
40
1076.900
848.695
14
-1077.075
-875.435
41
1076.900
947.714
15
-1077.075
-974.536
42
1076.900
1046.816
16
-1077.075
-1073.554
43
213.669
1127.150
17
-589.281
-1129.575
44
114.650
1127.150
18
-490.179
-1129.575
45
15.550
1127.150
19
-304.799
-1129.575
46
-83.469
1127.150
20
-205.699
-1129.575
47
-182.570
1127.150
21
-20.319
-1129.575
48
-281.590
1127.150
22
78.736
-1129.575
49
-380.690
1127.150
23
225.736
-1129.575
50
-479.710
1127.150
24
324.836
-1129.575
51
-578.810
1127.150
25
423.856
-1129.575
52
-677.829
1127.150
26
522.957
-1129.575
53
-776.931
1127.150
27
621.975
-1129.575
54
-875.949
1127.150
Pad Description
Pad No.
Pad Name
I/O
Description
1CS
I
Chip selection input with Pull-high resistor. When the CS is logic high, the
data and command read from or written to the HT1622 are disabled. The se-
rial interface circuit is also reset. But if CS is at logic low level and is input to
the CS pad, the data and command transmission between the host controller
and the HT1622 are all enabled.
2RD
I
READ clock input with Pull-high resistor. Data in the RAM of the HT1622 are
clocked out on the falling edge of the RD signal. The clocked out data will ap-
pear on the data line. The host controller can use the next rising edge to latch
the clocked out data.
3WR
I
WRITE clock input with Pull-high resistor. Data on the DATA line are latched
into the HT1622 on the rising edge of the WR signal.
4
DATA
I/O
Serial data input or output with Pull-high resistor
5
VSS
¾
Negative power supply, ground
6
OSCI
I
If the system clock comes from an external clock source, the external clock
source should be connected to the OSCI pad.
7
VDD
¾
Positive power supply
8
VLCD
I
LCD operating voltage input pad
9
IRQ
O
Time base or Watchdog Timer overflow flag, NMOS open drain output
10, 11
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
12~14
T1~T3
I
Not connected
15~22
COM0~COM7
O
LCD common outputs
23~54
SEG0~SEG31
O
LCD segment outputs
HT1622
Rev. 2.00
4
June 9, 2009
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com