Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1622 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 328 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1622 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pad Assignment
Chip size: 94
´ 98 (mil)
2
Bump height: 18
mm ± 3mm
Min. Bump spacing: 23.102
mm
Bump size: 76
´ 76mm
2
* The IC substrate should be connected to VDD in the PCB layout artwork.
HT1622
Rev. 2.00
3
June 9, 2009
PATENTED
B Z
W R
R D
1
2 8
2
2 9
3
3 0
4
3 1
5
3 2
6
3 3
7
3 4
8
3 5
9
3 6
1 0
3 7
1 1
3 8
1 2
3 9
1 3
4 0
1 4
4 1
1 5
4 2
1 6
4 3
1 7
4 4
1 8
4 5
1 9
4 6
2 0
4 7
2 1
4 8
2 2
4 9
2 3
5 0
2 4
5 1
2 5
5 2
2 6
5 3
2 7
5 4
( 0 , 0 )
D A T A
V S S
O S C I
V D D
V L C D
B Z
T 1
T 2
T 3
C O M 0
C O M 1
C S
S E G 7
S E G 8
S E G 9
S E G 1 0
S E G 1 1
S E G 1 2
S E G 1 3
S E G 1 4
S E G 1 5
S E G 1 6
S E G 1 7
S E G 1 8
S E G 1 9
I R Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com