Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRF9UG9553-R4-TR1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG9553-R4-TR1 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHRF9UG9553-R4-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LHRF9UG9553/R4/TR1
Typical Electrical & Optical Characteristics (Ta=25
℃)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@
mA(V)
Luminous
intensity
@20mA(mcd)
Dominant
wave
length
λDnm
Spectral
halfwidth
△λnm
COLOR
20
20
574
20
120
35
AlGaInP
Green
2.6
1.7
Red
AlGaInP
630
Water Clear
Emitted
MATERIAL
Lens
2.4
1.5
20
50
108
120
Min.
Max.
Min.
Typ.
Electrostatic Discharge
Power Dissipation
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Operating Temperature
Storage Temperature
Soldering Temperature
Reverse Current @5V
Parameter
μA
10
Ir
℃
-40 ~ +100
Tstg
Max 260
℃ for 5 sec Max
Tsol
Topr
Esd
-40 ~ +85
℃
2000
V
mA
30
30
IF
PD
75
IFP
90
75
mW
60
mA
HRF
Symbol
9UG
Ratings
UNIT
Absolute Maximum Ratings at Ta=25
℃
LHRF9UG9553/R4/TR1
PART NO. :
Page 3/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com