Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRF9UG9553-R4-TR1 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG9553-R4-TR1 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LHRF9UG9553-R4-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Carrier Type Dimensions
9.3
12.0
±0.3
5.5
3.12
4.0
Note : The tolerances unless mentioned is
±0.2mm, Unit=mm.
Polarity
1.75
4.0
2.0
1.55
4.06
2.24
0.23
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1
2
0.6
3.5
9UG
1.95
Note : 1.All dimension are in millimeter tolerance is
±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
0.9
0.9
1.5
1.05
HRF
+
4
-
-
3
+
0.7
±0.05
0.7
±0.05
1
4
2.8
3.2
0.7
±0.05
3
0.7
±0.05
2
1.95
LHRF9UG9553/R4/TR1
Package Dimensions
PART NO.
2.2
2.6
1/8
Page



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com