Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRF9UG9553-R4-TR1 Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG9553-R4-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG9553-R4-TR1 Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LHRF9UG9553-R4-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRF9UG9553-R4-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1.IR-Reflow In-Board,2 times
2.Ta=105
℃±5℃&
-40
℃±5℃
(10min) (10min)
3.total 10 cycles
1.T.Sol=260
℃±5℃
2.Dwell Time= 10
±1sec.
1.IR-Reflow In-Board, 2 Times
2.Ta=65
℃±5℃
3.RH=90 %~95%
4.t=1000hrs
±2hrs
1.T.Sol=235
℃±5℃
2.Immersion time 2
±0.5sec
3.Immersion rate 25
±2.5mm/sec
4.Immersion rate 25
±2.5mm/sec
5.Coverage
≧95% of the dipped surface
1.Ta=-40
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Ramp-up rate(183
℃ to Peak) +3 ℃ second max
Temp. maintain at 125(
±25)℃ 120 seconds max
Temp. maintain above 183
℃ 60-150 seconds
Peak temperature range 235
℃+5-0℃
Time within 5
℃ of actual Peak Temperature(tp)
10-30 seconds
Ramp-down rate +6
℃/second max
1.105
℃ ~ 25℃ ~ 55℃ ~ 25℃
30mins 5mins 30mins 5mins
2.10 Cyeles
Endurance
Test
Environmental
Test
Solderability Test
Solderability Test
Temperature
Cycling
Thermal Shock Test
Solder Resistance
Test
Low Temperature
Storage Test
High Temperature
High Humidity
Storage Test
Reliability Test:
Classification
Operating Life Test
High Temperature
Storage Test
Test Item
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
MIL-STD-750D:2031.2
J-STD-020
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
MIL-STD-202F: 210A
MIL-STD-750D: 2031
JIS C 7021: A-1
MIL-STD-202F:103B
JIS C 7021: B-11
JIS C 7021: B-12
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
MIL-STD-883D:1008
JIS C 7021: B-10
Test Condition
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/8
PART NO. : LHRF9UG9553/R4/TR1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com